Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ27Z855 Datasheet (PDF) - Texas Instruments

BQ27Z855 Datasheet PDF - Texas Instruments
Part # BQ27Z855
Download  BQ27Z855 Download
File Size   2050.04 Kbytes
Page   63 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ27Z855 Dynamic Z-Track™ Gauge with Integrated Protection, Current Limiter, and Authentication for 1 Cell Battery Packs

BQ27Z855 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ27Z855 Datasheet PDF - Texas Instruments

Part # BQ27Z855
Download  BQ27Z855 Click to download

File Size   2050.04 Kbytes
Page   63 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ27Z855 Dynamic Z-Track™ Gauge with Integrated Protection, Current Limiter, and Authentication for 1 Cell Battery Packs

BQ27Z855 Datasheet (HTML) - Texas Instruments


BQ27Z855 Product details

1 Features
• Fully integrated battery gas gauge, protector, current limiter, and authenticator
• Ultra-low power 32-bit RISC processor
• Battery chemistries supported include Li-ion with LCO, NMC, or LFP cathodes and with graphite or Si-anodes
• High-accuracy analog front end with two independent ADCs:
– 18-bit low offset delta-sigma ADC for Coulomb counting with ±100mV input range
– 16-bit delta-sigma ADC for cell voltage and internal and external temperature sensors
– Support for simultaneous current and voltage sampling
• High-side or low-side current sensing for system flexibility
• Battery fuel gauging based on patented Dynamic Z-Track™ technology
– Models battery impedance for accurate time-toempty predictions for static and dynamic loads
– Automatically adjusts for aging, temperature, and rate-induced effects on the battery
• Programmable safety and protection:
– Hardware- and firmware-level OVP, UVP, OCC, OCD, SCD protections
– Overtemperature (OT) and undertemperature (UT) protections
• Integrated high efficiency high-side NMOS protection FET drivers
– Current limiter with programmable CC-CV profile during charge mode
– Ideal diode controller during discharge mode
• Up to 1MHz I2C bus communications interface with 1.2V- and 1.8V-level support
• ECC ECDSA and SHA-256 authentication support with secure memory
• Ultra-compact, 15-ball DSBGA package (YAH)




Similar Part No. - BQ27Z855

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27Z846 TI2-BQ27Z846 Datasheet
1Mb / 44P
BQ27Z846 Dynamic Z-Track™ Gauge with Integrated Protection and Authentication for 1 Cell Battery Packs
APRIL 2026
BQ27Z846YAHR TI2-BQ27Z846YAHR Datasheet
1Mb / 44P
BQ27Z846 Dynamic Z-Track™ Gauge with Integrated Protection and Authentication for 1 Cell Battery Packs
APRIL 2026
More results


Similar Description - BQ27Z855

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP802 ONSEMI-NCP802 Datasheet
125Kb / 23P
Highly Integrated Lithium Battery Protection Circuit for One Cell Battery Packs
September, 2004 ??Rev. 10
logo
Texas Instruments
BQ27750 TI1-BQ27750 Datasheet
1Mb / 34P
Impedance Track Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z561 TI1-BQ27Z561 Datasheet
908Kb / 24P
Impedance Track Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z561-R1 TI1-BQ27Z561-R1 Datasheet
492Kb / 24P
Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
BQ27Z561-R1_1904 TI1-BQ27Z561-R1_1904 Datasheet
1Mb / 26P
Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
BQ28Z610-R1 TI1-BQ28Z610-R1 Datasheet
840Kb / 32P
BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
BQ27Z561-R2 TI-BQ27Z561-R2 Datasheet
851Kb / 22P
BQ27Z561-R2 Impedance Track??Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z746 TI-BQ27Z746 Datasheet
1Mb / 30P
BQ27Z746 Impedance Track??Technology Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
SLUSDW2 ??NOVEMBER 2021
BQ28Z620 TI-BQ28Z620 Datasheet
1Mb / 39P
BQ28Z620 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
DECEMBER 2022
BQ27Z558 TI1-BQ27Z558 Datasheet
1Mb / 27P
BQ27Z558 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs, with 1.2-V IO Support
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com