Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5241 Datasheet (PDF) - Infinite Electronics International, Inc.

SC5241 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC5241
Download  SC5241 Download
File Size   495.83 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RA SMP Female Connector Solder Attachment For .047 SR Cable

SC5241 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC5241 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC5241
Download  SC5241 Click to download

File Size   495.83 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description RA SMP Female Connector Solder Attachment For .047 SR Cable

SC5241 Datasheet (HTML) - Infinite Electronics International, Inc.


SC5241 Product details

Features
• Operating Frequency
• of 18 GHz Max.
• Excellent VSWR of 1.25:1
• Blind Mate Connector
• Gold Plated Beryllium
• Copper Contact
• Contact plating according
• to MIL-G-45204
• Applications:
• General Purpose Test
• Custom Cable Assemblies




Similar Part No. - SC5241

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC52 ETC-SC52 Datasheet
149Kb / 5P
13.2MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Zowie Technology Corpor...
SC52 ZOWIE-SC52 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Bel Fuse Inc.
SC52 BEL-SC52 Datasheet
780Kb / 1P
SMD POWER INDUCTORS
SC52-100 BEL-SC52-100 Datasheet
780Kb / 1P
SMD POWER INDUCTORS
SC52-101 BEL-SC52-101 Datasheet
780Kb / 1P
SMD POWER INDUCTORS
More results


Similar Description - SC5241

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44492 PASTERNACK-PE44492 Datasheet
239Kb / 3P
Mini SMP Female Connector Solder Attachment
PE44655 PASTERNACK-PE44655 Datasheet
284Kb / 3P
SMP Female Connector Solder Attachment For RG178, RG196
PE44917 PASTERNACK-PE44917 Datasheet
373Kb / 3P
SMP Female Connector Solder Attachment for .086 Microporous
logo
Amphenol Corporation
7012-1294-1295-1296 AMPHENOL-7012-1294-1295-1296 Datasheet
76Kb / 1P
SMP FEMALE TO SMPM FEMALE FOR .047 CABLE ASSEMBLY
7012-1324-1326 AMPHENOL-7012-1324-1326 Datasheet
76Kb / 1P
SMP FEMALE TO SMA MALE FOR .047 CABLE ASSEMBLY
logo
Amphenol SV Microwave
7012-2004-2005 SVMICROWAVE-7012-2004-2005 Datasheet
89Kb / 1P
SMP FEMALE R/A TO SMP FEMALE ASSEMBLY FOR .047 SUPERFLEX CABLE
SJ 07/21/22
7012-1926 SVMICROWAVE-7012-1926 Datasheet
81Kb / 1P
SMP FEMALE TO SMP FEMALE Ø.047 CABLE ASSEMBLY
REV.02 04/22
7032-7159-7161 SVMICROWAVE-7032-7159-7161 Datasheet
140Kb / 1P
SMP FEMALE TO 2.92mm MALE FOR .047 CABLE ASSEMBLY
06/17
logo
Molex Electronics Ltd.
SD-73415-512 MOLEX-SD-73415-512 Datasheet
222Kb / 2P
SMP JACK RA FOR 047 SIZE CABLES SMP-JC, EWR-2582
2020/05/11
logo
Times Microwave Systems...
3190-6879 TIMES-3190-6879 Datasheet
36Kb / 1P
SMP Female (Plug) Straight Non-Solder Pin Direct Solder Connector for PT-047 Cable
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com