Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5359 Datasheet (PDF) - Infinite Electronics International, Inc.

SC5359 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC5359
Download  SC5359 Download
File Size   443.87 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SC5359 DATA SHEET SMP Male Smooth Bore PCB Connector Thru Hole Solder Attachment

SC5359 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC5359 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC5359
Download  SC5359 Click to download

File Size   443.87 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description SC5359 DATA SHEET SMP Male Smooth Bore PCB Connector Thru Hole Solder Attachment

SC5359 Datasheet (HTML) - Infinite Electronics International, Inc.


SC5359 Product details

Features
• Operating Frequency
• of 18 GHz Max.
• Excellent VSWR of 1.25:1
• Blind Mate Connector
• Gold Plated Beryllium
• Copper Contact
• Contact plating according
• to MIL-G-45204
• Applications:
• General Purpose Test
• PCB Applications




Similar Part No. - SC5359

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC5353 FAIRVIEW-SC5353 Datasheet
42Kb / 1P
.100" SQ FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM SMP-MALE PCB LIMITED DETENTE
REV A
SC5355 FAIRVIEW-SC5355 Datasheet
493Kb / 3P
SC5355 DATA SHEET SMP Male Full Detent PCB Connector Thru Hole Solder Attachment
REV 1.1
logo
Silan Microelectronics ...
SC5358 SILAN-SC5358 Datasheet
167Kb / 9P
6CH ELECTRONIC VOLUME CONTROLLER
SC5358S SILAN-SC5358S Datasheet
167Kb / 9P
6CH ELECTRONIC VOLUME CONTROLLER
More results


Similar Description - SC5359

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44480 PASTERNACK-PE44480 Datasheet
231Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB
PE44840 PASTERNACK-PE44840 Datasheet
263Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB, Up To 8 GHz Smooth Bore
PE44849 PASTERNACK-PE44849 Datasheet
287Kb / 3P
SMP Male Connector Solder Attachment Thru
PE44879 PASTERNACK-PE44879 Datasheet
380Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment End Launch PCB, Up To 8 GHz
PE44910 PASTERNACK-PE44910 Datasheet
375Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.140 Pin Length
PE44939 PASTERNACK-PE44939 Datasheet
378Kb / 3P
SMP Female Connector Solder Attachment Thru Hole PCB
PE44947 PASTERNACK-PE44947 Datasheet
366Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Surface Mount PCB Pre-Tinned Contacts
PE44966 PASTERNACK-PE44966 Datasheet
373Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB 3 Leg Version
PE44967 PASTERNACK-PE44967 Datasheet
379Kb / 3P
SMP Male Smooth Bore Connector Solder Attachment Thru Hole PCB Catchers Mitt with 0.170 Pin Length
logo
Molex Electronics Ltd.
0734157010 MOLEX11-0734157010 Datasheet
33Kb / 1P
50 Ohms, SMP Male Full Smooth Bore Vertical PCB thru SMP-P/PCB
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com