Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPW5202SDB5F11 Datasheet (PDF) - Lowpower Semiconductor inc

LPW5202SDB5F11 Datasheet PDF - Lowpower Semiconductor inc
Part # LPW5202SDB5F11
Download  LPW5202SDB5F11 Download
File Size   1307.84 Kbytes
Page   14 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description High-Side Load Switch with Over-Current Protection

LPW5202SDB5F11 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPW5202SDB5F11 Datasheet PDF - Lowpower Semiconductor inc

Part # LPW5202SDB5F11
Download  LPW5202SDB5F11 Click to download

File Size   1307.84 Kbytes
Page   14 Pages
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc
Description High-Side Load Switch with Over-Current Protection

LPW5202SDB5F11 Datasheet (HTML) - Lowpower Semiconductor inc


LPW5202SDB5F11 Product details

Features
⚫ 2.4V to 6V input voltage range
⚫ Low on-state resistance to 70mΩ
⚫ 30μA low current consumption
⚫ Ultra-low shutdown current (<100nA)
⚫ Fixed or adjustable current limit
- Fixed: 0.65A, 1.35A, 1.6A, 2.3A
- Adjustable: 200mA to 2.5A
⚫ Under-voltage lockout
⚫ Blocking reverse current
⚫ Thermal shutdown protection
⚫ Fast current limit response
⚫ ESD Protection:
- Human Body Model: 4kV
- Charged Device Model: 0.5kV
⚫ SOT23-5 Package
⚫ UL Approved File No. E526435

Applications
⚫ Notebook and PC
⚫ Cell phone and PDAs
⚫ USB or other peripheral ports
⚫ Camera

General Description
The LPW5202 is a series of load switches which provide full protection to systems and loads which may encounter large current conditions.
The device contains a 70mΩ current-limited P-channel MOSFET which can operate over an input voltage range from 2.4V to 6V. The current limit is fixed or could be settable using an external resistor. When the current reaches the threshold, the device will limit the current to constant value to prohibit excessive currents from causing damage. Internally, current is prevented from flowing when the MOSFET is off and the output voltage is higher than the input voltage. Switch is controlled by an active-high logic pin. Thermal shutdown protection is integrated which shuts off the switch to prevent damage to the part when a continuous over-current condition causes excessive heating.
The device part LPW5202SDB5F11, LPW5202FDB5F11, LPW5202FB5F21 and LPW5202FDB5F21 have certified by UL/CUL62368-1 2nd.
These parts are available in a space-saving 5 pin SOT23 package.




Similar Part No. - LPW5202SDB5F11

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
Power Distribution Switches
LPW5202-B5F POWER-LPW5202-B5F Datasheet
372Kb / 8P
Power Distribution Switches
More results


Similar Description - LPW5202SDB5F11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF2280 ONSEMI-FPF2280 Datasheet
655Kb / 7P
Over-Voltage Protection Load Switch
August-2017 Rev. 2
FPF2281 ONSEMI-FPF2281 Datasheet
284Kb / 7P
Over-Voltage Protection Load Switch
November-2017,Rev. 2
FPF2290 ONSEMI-FPF2290 Datasheet
528Kb / 8P
Over-Voltage Protection Load Switch
September-2017, Rev. 2
FPF2595 ONSEMI-FPF2595 Datasheet
387Kb / 11P
Over-Voltage, Over-Current Protection Load Switch
March 2016 Rev. 1.4
logo
Will Semiconductor Ltd.
WS3220 WILLSEMI-WS3220 Datasheet
794Kb / 10P
Over-Voltage Protection Load Switch
logo
ETA SOLUTIONS CO. LIMIT...
ETA6121 ETA-ETA6121 Datasheet
291Kb / 1P
Over-Voltage Protection Load Switch
logo
Shanghai awinic technol...
AW32801 AWINIC-AW32801 Datasheet
1Mb / 20P
Over-Voltage Protection Load Switch with Surge Protection
AW33201 AWINIC-AW33201 Datasheet
931Kb / 17P
Over-Voltage Protection Load Switch
AW33801 AWINIC-AW33801 Datasheet
951Kb / 20P
Over-Voltage Protection Load Switch
logo
Shanghai Leiditech Elec...
OVPXXS100 LEIDITECH-OVPXXS100 Datasheet
1Mb / 15P
Over-Voltage Protection Load Switch with Surge Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com