Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S200 Datasheet (PDF) - ABB

S200 Datasheet PDF - ABB
Part # S200
Download  S200 Download
File Size   2118.99 Kbytes
Page   7 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description System pro M compact® Miniature Circuit Breaker S 200/S 200 M

S200 Datasheet (PDF)

Go To PDF Page Download Datasheet
S200 Datasheet PDF - ABB

Part # S200
Download  S200 Click to download

File Size   2118.99 Kbytes
Page   7 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description System pro M compact® Miniature Circuit Breaker S 200/S 200 M

S200 Datasheet (HTML) - ABB


S200 Product details

Features
−− Clear contact position indication in red/green (“real CPI”)
−− Unique, patented twin terminal with captive screws and
an increased opening for cables up to max. 35 mm2,
finger-proof (IP20)
−− Busbar slot in the back for best visibility during installation
−− High performance at an increased rated voltage for marine
and industrial applications: 10 kA/15 kA at Un = 440 V AC
acc. to IEC/EN 60947-2
−− Individual product identification code
−− Approved acc. to IEC/EN 60898-1, IEC/EN 60947-2 and
UL 1077/CSA 22.2 No. 235 for global use




Similar Part No. - S200

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KOO CHIN ELECT...
S200 KOOCHIN-S200 Datasheet
271Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nippon Pulse America, I...
S200 NPM-S200 Datasheet
872Kb / 5P
Linear Shaft Motor
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
Miniature circuit breakers
Rev. A
logo
LEDTRONICS, INC
S200 LEDTRONICS-S200 Datasheet
4Mb / 28P
Miniature Based LED Lamps
logo
ABB
S200 ABB-S200 Datasheet
1Mb / 35P
Miniature circuit-breakers S 200/S 200 M Residual-current-operated circuit-breakers F 200 Cross wiring/accessories
More results


Similar Description - S200

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3389 ADVANTECH-ARK-3389 Datasheet
435Kb / 2P
Intel짰 Pentium짰 M /Celeron짰 M Compact System
logo
PHOENIX CONTACT
2302159 PHOENIX-2302159 Datasheet
95Kb / 3P
CABLE-D25SUB/B/S/200/KONFEK/S
2305619 PHOENIX-2305619 Datasheet
87Kb / 3P
CABLE-D15SUB/S/S/200/KONFEK/S
2305703 PHOENIX-2305703 Datasheet
87Kb / 3P
CABLE-D50SUB/S/S/200/KONFEK/S
logo
Lapp.
61803800 LAPP-61803800 Datasheet
99Kb / 1P
SILVYN® COMPACT M
26.11.2018
61803808 LAPP-61803808 Datasheet
110Kb / 2P
SILVYN® COMPACT 90° M
03.07.2018
61803850 LAPP-61803850 Datasheet
110Kb / 2P
SILVYN® COMPACT 45° M
13.03.2019
logo
Entegris, Inc
PROE-VAP200 ENTEGRIS-PROE-VAP200 Datasheet
248Kb / 2P
ProE-Vap® 200 Delivery System
logo
PHOENIX CONTACT
1220811 PHOENIX-1220811 Datasheet
178Kb / 5P
PV-PRO/M/F-200/F-1500/9 - Fuse plug
1220873 PHOENIX-1220873 Datasheet
178Kb / 5P
PV-PRO/M/F-200/F-1000/14 - Fuse plug
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com