Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT6200GE Datasheet (PDF) - Richtek Technology Corporation

RT6200GE Datasheet PDF - Richtek Technology Corporation
Part # RT6200GE
Download  RT6200GE Download
File Size   253.83 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 0.6A, 36V, 1.2MHz Step-Down Converter

RT6200GE Datasheet (PDF)

Go To PDF Page Download Datasheet
RT6200GE Datasheet PDF - Richtek Technology Corporation

Part # RT6200GE
Download  RT6200GE Click to download

File Size   253.83 Kbytes
Page   12 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description 0.6A, 36V, 1.2MHz Step-Down Converter

RT6200GE Datasheet (HTML) - Richtek Technology Corporation


RT6200GE Product details

General Description
The RT6200 is a high voltage Buck converter that can
support the input voltage range from 4.5V to 36V and the
output current can be up to 0.6A. Current mode operation
provides fast transient response and eases loop
stabilization.
The chip also provides protection functions such as cycleby-
cycle current limit and thermal shutdown protection.
The RT6200 is available in the SOT-23-6 package.

Features
 Wide Operating Input Voltage Range : 4.5V to 36V
 Adjustable Output Voltage Range : 0.8V to 15V
 0.6A Output Current
 0.35Ω Internal Power MOSFET Switch
 High Efficiency up to 95%
 1.2MHz Fixed Switching Frequency (Duty <90%)
 Support duty up to 95%
 Stable with Low ESR Output Ceramic Capacitors
 Thermal Shutdown
 Cycle-By-Cycle Over-Current Protection

Applications
 Distributed Power Systems
 Battery Chargers
 Pre-Regulator for Linear Regulators
 WLED Drivers




Similar Part No. - RT6200GE

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT6200GE RICHTEK-RT6200GE Datasheet
784Kb / 9P
RT6200GE Evaluation Board
More results


Similar Description - RT6200GE

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4566 MPS-MP4566 Datasheet
358Kb / 14P
36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
MPQ2451 MPS-MPQ2451 Datasheet
449Kb / 16P
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ2454-AEC1 MPS-MPQ2454-AEC1 Datasheet
1Mb / 19P
36V, 0.6A Step-Down Converter AEC-Q100 Qualified
MPQ2451-AEC1 MPS-MPQ2451-AEC1 Datasheet
896Kb / 16P
Industrial/Automotive-Grade 36V, 2MHz, 0.6A Step-Down Converter AEC-Q100 Qualified
MP2454 MPS-MP2454 Datasheet
677Kb / 19P
36V, 0.6A Step-Down Converter
MPM3506A MPS-MPM3506A Datasheet
1Mb / 22P
36V/0.6A Module Synchronous Step-Down Converter with Integrated Inductor
EV2454-H-00A MPS-EV2454-H-00A Datasheet
673Kb / 7P
36V, 0.6A Step Down Converter Evaluation Board
EV2454-Q-00A MPS-EV2454-Q-00A Datasheet
333Kb / 7P
36V, 0.6A Step Down Converter Evaluation Board
EVQ2451-G-00A MPS-EVQ2451-G-00A Datasheet
412Kb / 5P
0.6A, 2MHz, 36V Step-Down Converter Evaluation Board
MPQ2451-5-AEC1 MPS-MPQ2451-5-AEC1 Datasheet
1Mb / 18P
36V, 2.2MHz, 0.6A, Step-Down Converter AEC-Q100 Qualified
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com