Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1400R Datasheet (PDF) - TOKYO KEISO CO.,LTD.

1400R Datasheet PDF - TOKYO KEISO CO.,LTD.
Part # 1400R
Download  1400R Download
File Size   359.7 Kbytes
Page   13 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description Coriolis Mass Flowmeter Coriolis Mass Flowmeter

1400R Datasheet (PDF)

Go To PDF Page Download Datasheet
1400R Datasheet PDF - TOKYO KEISO CO.,LTD.

Part # 1400R
Download  1400R Click to download

File Size   359.7 Kbytes
Page   13 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description Coriolis Mass Flowmeter Coriolis Mass Flowmeter

1400R Datasheet (HTML) - TOKYO KEISO CO.,LTD.


1400R Product details

FEATURES
❏ For low-cost applications requiring self-cleaning and low pressure
loss
❏ High accuracy: ±0.15% of reading (+zero stability)
❏ Secondary pressure container made of Stainless Steel (max. working
pressure: 10 MPa) Suitable for chemical and petrochemical
applications which require safety
❏ Applicable to the food and pharmaceutical industries with the sanitary
ferrule connection (3A approved)
❏ Simultaneous measurement of mass flow rate (instantaneous and
totalized), density, and temperature with one instrument
❏ Compliant with Japanese standard explosionproof
❏ Compliant with DNV GL and Lloyd’s ship classifications (Remote
type)




Similar Part No. - 1400R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1400R ETC2-1400R Datasheet
485Kb / 1P
MICRO PINS
1400R ETC2-1400R Datasheet
47Kb / 2P
KNOBS AND DIAL PLATES
1400R ETC-1400R Datasheet
71Kb / 1P
KNOBS AND DIAL PLATES
More results


Similar Description - 1400R

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
logo
Taiyo Yuden (U.S.A.), I...
HMJ107BB7103KAHT TAIYO-YUDEN-HMJ107BB7103KAHT Datasheet
286Kb / 2P
Mass Production
logo
TT Electronics.
DS1132 TTELEC-DS1132 Datasheet
495Kb / 2P
Platon Plastic VA Flowmeter
DS3911 TTELEC-DS3911 Datasheet
275Kb / 1P
GU Flowmeter Accessories
DS3921 TTELEC-DS3921 Datasheet
327Kb / 1P
PG/PGU Flowmeter Accessories
logo
Schneider Electric
CFS300A SCHNEIDER-CFS300A Datasheet
102Kb / 1P
Coriolis flowmeter for general purpose applications with an excellent price-performance ratio
Apr 26, 2022
CFS400A SCHNEIDER-CFS400A Datasheet
74Kb / 1P
Large Capacity Coriolis flowmeter for bulk transfer and custody transfer applications
Apr 26, 2022
CFS600A SCHNEIDER-CFS600A Datasheet
90Kb / 1P
Coriolis flowmeter with premium performance and ideal for extreme process conditions. Available with SIL2
Apr 26, 2022
CFS700A SCHNEIDER-CFS700A Datasheet
79Kb / 1P
Coriolis flowmeter for advanced and challenging applications with lowest pressure drop. Available in 4 materials
Apr 26, 2022
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
Electromagnetic flowmeter
2022-06-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com