Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BS06 Datasheet (PDF) - TOKYO KEISO CO.,LTD.

BS06 Datasheet PDF - TOKYO KEISO CO.,LTD.
Part # BS06
Download  BS06 Download
File Size   1082.75 Kbytes
Page   5 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description Single-use ultrasonic flowmeter for liquids

BS06 Datasheet (PDF)

Go To PDF Page Download Datasheet
BS06 Datasheet PDF - TOKYO KEISO CO.,LTD.

Part # BS06
Download  BS06 Click to download

File Size   1082.75 Kbytes
Page   5 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description Single-use ultrasonic flowmeter for liquids

BS06 Datasheet (HTML) - TOKYO KEISO CO.,LTD.


BS06 Product details

FEATURES
❑ Materials of wetted parts of the flow detector: Biocompatible (FDA,
USP Class VI, no TSE/BS animal derived components), gammasterilizable
(up to 50 kGy)
❑ Highly clean construction without causing stress to liquids or
leaving residues
❑ Wide rangeability
BS04SC
Range: 0 to 800 mL/min
BS04
Range: 0 to 3000 mL/min
BS06
Range: 0 to 8000 mL/min
BS10
Range: 0 to 20 L/min
BS15
Range: 0 to 50 L/min
BS20
Range: 0 to 80 L/min
❑ Liquids with kinematic viscosity of as high as 40 mm2/s can be
measured.
❑ Accuracy: Within ±1% of the reading at flow velocity of 1 m/s or
more
❑ Adjustment function to offset the effect on the measurement
values caused by a change in liquid temperature (optional)
❑ CE marking
❑ All the detectors are calibrated with the actual flow (water) at the
time of shipment.
❑ Soundness of the converter can be checked on site by using a
simulator (optional).
APPLICATIONS
❑ Noninvasive, highly accurate flow measurement of liquids in
biopharmaceutical manufacturing processes
❑ Flow control by combining pumps, control valves, etc.
❑ Installation into single-use kits and systems




Similar Part No. - BS06

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BS0600N-C BENCENT-BS0600N-C Datasheet
371Kb / 5P
Thyristor Surge Suppresser
logo
Adam Technologies, Inc.
BS061 ADAM-TECH-BS061 Datasheet
126Kb / 1P
BATTERY HOLDERS & SNAPS AA, AAA, C, D & COIN CELL
BS062 ADAM-TECH-BS062 Datasheet
126Kb / 1P
BATTERY HOLDERS & SNAPS AA, AAA, C, D & COIN CELL
logo
Shenzhen Bencent Electr...
BS0640N-2C BENCENT-BS0640N-2C Datasheet
293Kb / 5P
Eliminates overvoltage caused by fast rising transients
BS0640N-C BENCENT-BS0640N-C Datasheet
368Kb / 5P
Thyristor Surge Suppresser
More results


Similar Description - BS06

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-58F FUJI-EDS6-58F Datasheet
589Kb / 6P
PORTABLE TYPE ULTRASONIC FLOWMETER(PORTAFLOW)
EDS6-123I FUJI-EDS6-123I Datasheet
907Kb / 8P
ULTRASONIC FLOWMETER < M-Flow PW>
EDS6-141D FUJI-EDS6-141D Datasheet
1,019Kb / 12P
ULTRASONIC FLOWMETER(2-Path System type)
EDSX6-71L FUJI-EDSX6-71L Datasheet
276Kb / 8P
ULTRASONIC FLOWMETER < TIME DELTAS (Standard Type)>
EDSX6-95F FUJI-EDSX6-95F Datasheet
245Kb / 8P
PORTABLE TYPE ULTRASONIC FLOWMETER(PORTAFLOWX)
EDSX6-111E FUJI-EDSX6-111E Datasheet
293Kb / 8P
ULTRASONIC FLOWMETER < TIME DELTAF (Flexible Type)>
EDSX6-139H FUJI-EDSX6-139H Datasheet
1Mb / 12P
PORTABLE TYPE ULTRASONIC FLOWMETER (PORTAFLOW-C)
EDSX6-140D FUJI-EDSX6-140D Datasheet
1Mb / 12P
ULTRASONIC FLOWMETER
logo
Fairchild Semiconductor
FDT-21W FAIRCHILD-FDT-21W Datasheet
411Kb / 2P
Wall Mount Ultrasonic FlowMeter For Clean Liquids
logo
List of Unclassifed Man...
FHG-1000 ETC2-FHG-1000 Datasheet
383Kb / 2P
SCREW GEAR FLOWMETER For High Viscosity Liquids
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com