Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFF-80S Datasheet (PDF) - TOKYO KEISO CO.,LTD.

NFF-80S Datasheet PDF - TOKYO KEISO CO.,LTD.
Part # NFF-80S
Download  NFF-80S Download
File Size   513.27 Kbytes
Page   4 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description Maintaining flow rate constant under fluctuating pressure

NFF-80S Datasheet (PDF)

Go To PDF Page Download Datasheet
NFF-80S Datasheet PDF - TOKYO KEISO CO.,LTD.

Part # NFF-80S
Download  NFF-80S Click to download

File Size   513.27 Kbytes
Page   4 Pages
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.
Description Maintaining flow rate constant under fluctuating pressure

NFF-80S Datasheet (HTML) - TOKYO KEISO CO.,LTD.


NFF-80S Product details

■ General description
The constant flow valves are used to maintain
preset flow rate in a line that develops
primary (inlet side) or secondary (outlet
side) pressure fluctuations.
Requiring no control device against pressure
fluctuation, these valves contribute to
savings in space and cost. Especially, they
offer best suited and handy use with cooling
and hot water lines of air conditioning systems
in buildings and water supply lines in
plants and multiple housing.
Also, as the valves need no power supply to
operate, they are safe against highly flammable
and hazardous fluids. They are accurately
set for necessary flow rate to the
customer’s specification in the factory before
shipment so that no field setting is required.
■ Features
● Designed to make stable liquid feed possible
at constant flow rate.
● Inexpensive. Compact. Light in weight
● Installable in horizontal or vertical direction
as desired.
● Applicable in wide range of use with
small (10mm) to large (80mm) bore diameters.
● Maximum working temperature: 180°C
(needle type)
● Available in five types suitable for various
needs.




Similar Part No. - NFF-80S

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NFF0051330B0-XC MURATA-PS-NFF0051330B0-XC Datasheet
895Kb / 23P
Non-Isolated 5A SIP/SMT DC/DC Converters
NFF0051330BP-XC MURATA-PS-NFF0051330BP-XC Datasheet
895Kb / 23P
Non-Isolated 5A SIP/SMT DC/DC Converters
NFF0051330S0-XC MURATA-PS-NFF0051330S0-XC Datasheet
895Kb / 23P
Non-Isolated 5A SIP/SMT DC/DC Converters
NFF0051330SP-XC MURATA-PS-NFF0051330SP-XC Datasheet
895Kb / 23P
Non-Isolated 5A SIP/SMT DC/DC Converters
NFF0051331B0-XC MURATA-PS-NFF0051331B0-XC Datasheet
895Kb / 23P
Non-Isolated 5A SIP/SMT DC/DC Converters
More results


Similar Description - NFF-80S

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
WL-1000 LSTD-WL-1000 Datasheet
594Kb / 3P
Adjustable Flow Rate
WL-2000 LSTD-WL-2000 Datasheet
1Mb / 3P
Adjustable Flow Rate
logo
Hotchip Technology Co.,...
HT4054 HOTCHIP-HT4054 Datasheet
869Kb / 7P
Constant flow / constant voltage mode operatio
logo
Linkage Goston Electron...
LNK303P LINKAGE-LNK303P Datasheet
3Mb / 7P
Constant voltage / constant flow control power switch
LNK305P LINKAGE-LNK305P Datasheet
4Mb / 7P
Constant voltage / constant flow control power switch
LNK513 LINKAGE-LNK513 Datasheet
5Mb / 8P
Program-controlled constant voltage / constant flow controller
SM7503 LINKAGE-SM7503 Datasheet
4Mb / 7P
Constant voltage / constant flow control power switch
SM7503P LINKAGE-SM7503P Datasheet
1Mb / 7P
Constant voltage / constant flow control power switch
SM7505 LINKAGE-SM7505 Datasheet
2Mb / 7P
Constant voltage / constant flow control power switch
logo
Jingjing Microelectroni...
EG4313 EGMICRO-EG4313 Datasheet
585Kb / 9P
Constant voltage / constant flow control chip
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com