Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

192P Datasheet (PDF) - Vishay Siliconix

192P Datasheet PDF - Vishay Siliconix
Part # 192P
Download  192P Download
File Size   97.03 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead

192P Datasheet (PDF)

Go To PDF Page Download Datasheet
192P Datasheet PDF - Vishay Siliconix

Part # 192P
Download  192P Click to download

File Size   97.03 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead

192P Datasheet (HTML) - Vishay Siliconix


192P Product details

FEATURES
• Axial lead, designed for automatic insertion
• Non-inductively wound, extended foil construction
• Lead wire has metal end cap for connection to extended foil
• Moisture resistant
• Encased in an orange heat shrinkable polyolefin sleeve
• Available tape and reeled to EIA specifications for automatic insertion

PERFORMANCE CHARACTERISTICS
Operating Temperature: - 55°C to + 85°C.
Capacitance Range: 0.0001µF to 0.39µF.
Capacitance Tolerance: ± 20%, ± 10%, ± 5%.
Other tolerances available upon request.
DC Voltage Rating: 80 WVDC to 600 WVDC.
Voltage Derating: At + 105°C: 70% of + 85°C rating.
At + 125°C: 50% of + 85°C rating.
Dissipation Factor: 1.0% maximum.
Voltage Test: 200% of rated voltage for 1 minute.
Insulation Resistance:
At + 25°C: 100,000 Megohm minimum.
At + 85°C: 15,000 Megohm minimum.
At + 105°C: 2000 Megohm minimum.
At + 125°C: 200 Megohm minimum.




Similar Part No. - 192P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
192P101X9200 VISHAY-192P101X9200 Datasheet
96Kb / 5P
Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
13-Nov-03
192P102X9200 VISHAY-192P102X9200 Datasheet
96Kb / 5P
Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
13-Nov-03
192P102X9400 VISHAY-192P102X9400 Datasheet
96Kb / 5P
Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
13-Nov-03
192P102X9600 VISHAY-192P102X9600 Datasheet
96Kb / 5P
Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
13-Nov-03
192P103X9080 VISHAY-192P103X9080 Datasheet
96Kb / 5P
Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
13-Nov-03
More results


Similar Description - 192P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
192P222X9080 VISHAY-192P222X9080 Datasheet
96Kb / 5P
Polyester Film/Foil Capacitors Sleeved, Miniature, Axial Lead
13-Nov-03
logo
List of Unclassifed Man...
WMC08D1K-F ETC2-WMC08D1K-F Datasheet
137Kb / 2P
Polyester Film/Foil Capacitors
logo
Cornell Dubilier Electr...
DLR1D1K-F CDE-DLR1D1K-F Datasheet
183Kb / 1P
Film/Foil Polyester Film Capacitors
PVC1118 CDE-PVC1118 Datasheet
289Kb / 6P
Polyester and Polypropylene Film/Foil Capacitors
WMC08D1K-F CDE-WMC08D1K-F Datasheet
137Kb / 2P
Polyester Film/Foil Capacitors
logo
RFE international
LM472M2A RFE-LM472M2A Datasheet
60Kb / 1P
POLYESTER FILM CAPACITORS LM Series: Radial, Polyester, Film Foil
L104M2A RFE-L104M2A Datasheet
61Kb / 1P
POLYESTER FILM CAPACITORS L Series: Radial, Polyester, Film Foil
T102J2EAT1 RFE-T102J2EAT1 Datasheet
86Kb / 1P
POLYESTER FILM CAPACITORS T Series: Axial Tubular, Film Foil
logo
MERITEK ELECTRONICS COR...
MPEM MERITEK-MPEM Datasheet
109Kb / 1P
Miniature Metallized Polyester Film Capacitors
PEIM MERITEK-PEIM Datasheet
118Kb / 1P
Miniature Polyester Film Capacitors
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com