Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC564 Datasheet (PDF) - STMicroelectronics

M74HC564 Datasheet PDF - STMicroelectronics
Part # M74HC564
Download  M74HC564 Download
File Size   271.84 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT HC564 INVERTING - HC574 NON INVERTING

M74HC564 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HC564 Datasheet PDF - STMicroelectronics

Part # M74HC564
Download  M74HC564 Click to download

File Size   271.84 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT HC564 INVERTING - HC574 NON INVERTING

M74HC564 Datasheet (HTML) - STMicroelectronics


M74HC564 Product details

DESCRIPTION
The M54/74HC564 and M54HC574 are high speed CMOS OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUTS fabricated with in silicon gate C2MOS technology.

■ HIGH SPEED
   fMAX = 62 MHz (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION
   ICC = 4 µA (MAX.) AT TA = 25 °C
■ HIGH NOISE IMMUNITY
   VNIH = VNIL = 28% VCC (MIN)
■ OUTPUT DRIVE CAPABILITY
   15 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
   IOL = IOH= 6 mA (MIN.)
■ BALANCED PROPAGATION DELAYS
   tPLH = tPHL
■ WIDE OPERATING VOLTAGE RANGE
   VCC (OPR) = 2 V TO 6 V
■ PIN AND FUNCTION COMPATIBLE
   WITH 54/74LS564/574




Similar Part No. - M74HC564

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC564 STMICROELECTRONICS-M74HC564 Datasheet
407Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT INVERTING
Aug-2001
M74HC564B1R STMICROELECTRONICS-M74HC564B1R Datasheet
407Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT INVERTING
Aug-2001
M74HC564M1R STMICROELECTRONICS-M74HC564M1R Datasheet
407Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT INVERTING
Aug-2001
M74HC564RM13TR STMICROELECTRONICS-M74HC564RM13TR Datasheet
407Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT INVERTING
Aug-2001
M74HC564TTR STMICROELECTRONICS-M74HC564TTR Datasheet
407Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT INVERTING
Aug-2001
More results


Similar Description - M74HC564

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC374 STMICROELECTRONICS-74AC374 Datasheet
238Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74AC574 STMICROELECTRONICS-74AC574 Datasheet
248Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74ACT374 STMICROELECTRONICS-74ACT374 Datasheet
90Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-1997
74VHC374 STMICROELECTRONICS-74VHC374 Datasheet
75Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jun-1999
74VHCT374A STMICROELECTRONICS-74VHCT374A Datasheet
73Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Feb-2000
74VHCT574A STMICROELECTRONICS-74VHCT574A Datasheet
73Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Aug-1999
logo
Toshiba Semiconductor
TC74HC564AP TOSHIBA-TC74HC564AP Datasheet
267Kb / 6P
OCTAL D -TYPE FLIP-FLOP WITH 3-STATE OUTPUT. INVERTING, NON INVERTING
logo
STMicroelectronics
M74HC574 STMICROELECTRONICS-M74HC574 Datasheet
238Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HCT374 STMICROELECTRONICS-M74HCT374 Datasheet
233Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M5474HC564 STMICROELECTRONICS-M5474HC564 Datasheet
272Kb / 13P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT HC564 INVERTING - HC574 NON INVERTING
Mar-1993
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com