Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV5055 Datasheet (PDF) - Texas Instruments

DRV5055 Datasheet PDF - Texas Instruments
Part # DRV5055
Download  DRV5055 Download
File Size   1344.89 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV5055 Ratiometric Linear Hall-Effect Sensor

DRV5055 Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV5055 Datasheet PDF - Texas Instruments

Part # DRV5055
Download  DRV5055 Click to download

File Size   1344.89 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV5055 Ratiometric Linear Hall-Effect Sensor

DRV5055 Datasheet (HTML) - Texas Instruments


DRV5055 Product details

1 Features
• Ratiometric linear Hall-effect magnetic sensor
• Operates from 3.3V and 5V power supplies
• Analog output with VCC / 2 quiescent offset
• Magnetic sensitivity options (At VCC = 5V):
– A1/Z1: 100mV/mT, ±21mT range
– A2/Z2: 50mV/mT, ±42mT range
– A3/Z3: 25mV/mT, ±85mT range
– A4/Z4: 12.5mV/mT, ±169mT range
– A8: 66mV/mT, ±75mT range
• Fast 20kHz sensing bandwidth
• Low-noise output with ±1mA drive
• Compensation for magnet temperature drift for A versions and none for Z versions
• Standard industry packages:
– Surface-mount SOT-23
– Through-hole TO-92




Similar Part No. - DRV5055

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV5055 TI1-DRV5055 Datasheet
1Mb / 30P
Ratiometric Linear Hall Effect Sensor
DRV5055 TI1-DRV5055 Datasheet
1Mb / 26P
Automotive Ratiometric Linear Hall Effect Sensor
DRV5055 TI1-DRV5055 Datasheet
1Mb / 32P
DRV5055 Ratiometric Linear Hall Effect Sensor
DRV5055 TI1-DRV5055 Datasheet
1Mb / 31P
DRV5055-Q1 Automotive Ratiometric Linear Hall Effect Sensor
JUNE 2024
DRV5055 TI2-DRV5055 Datasheet
1Mb / 33P
DRV5055 Ratiometric Linear Hall Effect Sensor
REVISED APRIL 2021
More results


Similar Description - DRV5055

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
Ratiometric Linear Hall-effect Sensor
06/05
logo
Honeywell Solid State E...
SS496B HONEYWELL-SS496B Datasheet
1Mb / 4P
MNIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
SS495A-SP HONEYWELL-SS495A-SP Datasheet
1Mb / 5P
MINIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
logo
OPTEK Technologies
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
Ratiometric Linear Hall-effect Sensor
logo
Texas Instruments
DRV5055 TI1-DRV5055 Datasheet
1Mb / 30P
Ratiometric Linear Hall Effect Sensor
DRV5056 TI1-DRV5056 Datasheet
1Mb / 32P
Unipolar Ratiometric Linear Hall Effect Sensor
logo
TT Electronics.
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
Ratiometric Linear Hall-Effect Sensor
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
Ratiometric Linear Hall-Effect Sensor
logo
Texas Instruments
DRV5056 TI1-DRV5056_19 Datasheet
1Mb / 33P
unipolar ratiometric linear hall effect sensor
DRV5055 TI1-DRV5055_V01 Datasheet
1Mb / 32P
DRV5055 Ratiometric Linear Hall Effect Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com