Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A87351 Datasheet (PDF) - United Automation Ltd. All rights reserved

A87351 Datasheet PDF - United Automation Ltd. All rights reserved
Part # A87351
Download  A87351 Download
File Size   691.66 Kbytes
Page   4 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 4kW, 230V Frost Protection Controllers

A87351 Datasheet (PDF)

Go To PDF Page Download Datasheet
A87351 Datasheet PDF - United Automation Ltd. All rights reserved

Part # A87351
Download  A87351 Click to download

File Size   691.66 Kbytes
Page   4 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 4kW, 230V Frost Protection Controllers

A87351 Datasheet (HTML) - United Automation Ltd. All rights reserved


A87351 Product details

KEY FEATURES:
 Simple Setup & Installation: Easy to install, making it ideal for both new setups and retrofits.
 2m Long Sensor Included: Comes with a built-in encapsulated sensor, ensuring accurate temperature monitoring.
 Soft Start Function: Gradual switch-on to protect your heating elements.
 Wide Temperature Range: Available in -10°C to 10°C or 0°C to 20°C options, making it versatile for different environments.
 Solid State Reliability: Durable and maintenance-free, ensuring long-term, worry-free operation.
 IP65 Ingress Protection: Robust design with high-level protection against dust and water.
 High Current Capacity: Capable of handling up to 20A, suitable for demanding applications.
APPLICATIONS:
 Frost Protection for Pipework: Ideal for protecting pipes in outdoor or unheated environments.
 Heater Tape Control: Ensures efficient operation of heater tapes to prevent freezing.
 Infra-Red Quartz Lamp Control: Perfect for maintaining optimal temperatures in various settings.




Similar Part No. - A87351

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8735 ALLEGRO-A8735 Datasheet
478Kb / 16P
Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
logo
United Automation Ltd. ...
A87352 UNITEDAUTOMATION-A87352 Datasheet
669Kb / 4P
6kW, 230V Frost Protection Controllers
17 June 2026
A87353 UNITEDAUTOMATION-A87353 Datasheet
671Kb / 4P
ENVIROSTAT MP6i
1 July 2025
A87354 UNITEDAUTOMATION-A87354 Datasheet
669Kb / 4P
6kW, 230V Frost Protection Controllers
17 June 2026
logo
Allegro MicroSystems
A8735EEETR-T ALLEGRO-A8735EEETR-T Datasheet
478Kb / 16P
Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
More results


Similar Description - A87351

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4838 MAXIM-MAX4838 Datasheet
227Kb / 10P
Overvoltage Protection Controllers with Status FLAG
Rev 0; 10/03
logo
Vicor Corporation
08-130063 VICOR-08-130063 Datasheet
107Kb / 1P
OUTLINE 4kW MPAC EXT
08-130080 VICOR-08-130080 Datasheet
93Kb / 1P
OUTLINE MEGAPAC 4kW STANDARD LENGTH
logo
Maxim Integrated Produc...
MAX1807 MAXIM-MAX1807 Datasheet
240Kb / 10P
Micropower Adjustable Overvoltage Protection Controllers
Rev 0; 10/00
MAX4838A MAXIM-MAX4838A Datasheet
503Kb / 11P
Overvoltage-Protection Controllers with Status FLAG
Rev 0; 2/06
MAX4864L MAXIM-MAX4864L Datasheet
346Kb / 12P
Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 1; 5/06
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
logo
Schneider Electric
ATS22D17Q SCHNEIDER-ATS22D17Q Datasheet
223Kb / 43P
soft starter-ATS22-control 220V-power 230V(4kW)/400...440V(7.5kW)
logo
Maxim Integrated Produc...
MAX4843 MAXIM-MAX4843_V01 Datasheet
198Kb / 10P
Overvoltage Protection Controllers with Low Standby Current
2009
logo
Greystone Energy System...
LLC GREYSTONE-LLC Datasheet
55Kb / 1P
FROST PROTECTION THERMOSTAT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com