Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XL7005 Datasheet (PDF) - XLSEMI

XL7005 Datasheet PDF - XLSEMI
Part # XL7005
Download  XL7005 Download
File Size   205.31 Kbytes
Page   8 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description 0.4A 150KHz 65V Buck DC to DC Converter

XL7005 Datasheet (PDF)

Go To PDF Page Download Datasheet
XL7005 Datasheet PDF - XLSEMI

Part # XL7005
Download  XL7005 Click to download

File Size   205.31 Kbytes
Page   8 Pages
Manufacturer  XLSEMI [XLSEMI]
Direct Link  http://www.xlsemi.com/
Logo XLSEMI - XLSEMI
Description 0.4A 150KHz 65V Buck DC to DC Converter

XL7005 Datasheet (HTML) - XLSEMI


XL7005 Product details

Features
n Wide 5V to 65V Operation Voltage
n Output Adjustable from 1.25V to 25V
n Maximum Duty Cycle 100%
n Minimum Drop Out 1V
n Fixed 150KHz Switching Frequency
n Maximum 0.4A Output Current
n Recommend output power less than 5W
n Internal Optimize HV Power Transistor
n High efficiency up to 85%
n Excellent line and load regulation
n TTL shutdown capability
n Built in thermal shutdown function
n Built in output short Protection Function
n Built in current limit function
n SOP8-EP (Exposed PAD) package

Applications
n Ebike Controller Power Supply
n Telecom / Networking Equipment

General Description
The XL7005 is a 150KHz fixed frequency
PWM buck (step-down) DC/DC converter,
capable of driving a 0.4A load with high
efficiency, low ripple and excellent line and
load regulation. Requiring a minimum
number of external components, the regulator
is simple to use and include internal
frequency compensation and a
fixed-frequency oscillator.
The PWM control circuit is able to adjust the
duty ratio linearly from 0 to 100%. An enable
function, an over current protection function
is built inside. When output short protection
function happens, the operation frequency
will be reduced from 150KHz to 45KHz. An
internal compensation block is built in to
minimize external component count.




Similar Part No. - XL7005

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL7005 XLSEMI-XL7005 Datasheet
205Kb / 7P
0.5A 200KHz 65V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL7005A ETC2-XL7005A Datasheet
300Kb / 10P
0.4A 150KHz 80V Buck DC to DC Converter
logo
XLSEMI
XL7005A XLSEMI-XL7005A Datasheet
336Kb / 10P
0.4A 150KHz 80V Buck DC to DC Converter
XL7005E1 XLSEMI-XL7005E1 Datasheet
205Kb / 7P
0.5A 200KHz 65V Buck DC to DC Converter
More results


Similar Description - XL7005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
2A 150KHz 40V Buck DC to DC Converter
XL2596 ETC2-XL2596 Datasheet
407Kb / 14P
3A 150KHz 40V Buck DC to DC Converter
XL7005A ETC2-XL7005A Datasheet
300Kb / 10P
0.4A 150KHz 80V Buck DC to DC Converter
XL7016 ETC2-XL7016 Datasheet
204Kb / 9P
0.5A 150KHz 100V Buck DC to DC Converter
logo
Unisonic Technologies
P1690 UTC-P1690 Datasheet
136Kb / 5P
0.4A, 150KHZ 65V BUCK DC TO DC CONVERTER
logo
XLSEMI
XL7005 XLSEMI-XL7005 Datasheet
205Kb / 7P
0.5A 200KHz 65V Buck DC to DC Converter
XL7005A XLSEMI-XL7005A Datasheet
336Kb / 10P
0.4A 150KHz 80V Buck DC to DC Converter
XL7025 XLSEMI-XL7025 Datasheet
262Kb / 10P
0.6A 150KHz 80V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM1509 HMSEMI-HM1509 Datasheet
324Kb / 13P
2A 150KHz 40V Buck DC to DC Converter
HM3107B HMSEMI-HM3107B Datasheet
775Kb / 9P
0.4A 150KHz 80V step-down DC-DC converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com