Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1003 Datasheet (PDF) - List of Unclassifed Manufacturers

SD1003 Datasheet PDF - List of Unclassifed Manufacturers
Part # SD1003
Download  SD1003 Download
File Size   671.09 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1200mA, 30V Synchronous Rectified Step-Down Converter

SD1003 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD1003 Datasheet PDF - List of Unclassifed Manufacturers

Part # SD1003
Download  SD1003 Click to download

File Size   671.09 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1200mA, 30V Synchronous Rectified Step-Down Converter

SD1003 Datasheet (HTML) - List of Unclassifed Manufacturers


SD1003 Product details

FEATURES
 8V to 30V operating input range
 1200mA output current
 Up to 92% efficiency
 High efficiency (>80%) at light load
 Internal Soft-Start
 400kHz switching frequency
 CC/CV control mode
 Input under voltage lockout
 Input over voltage lockout
 Start-up current run-away protection
 Short circuit protection
 Thermal protection
 4000V ESD

APPLICATIONS
 Distributed Power Systems
 Automotive Systems
 High Voltage Power Conversion
 Industrial Power Systems
 Battery Powered Systems

DESCRIPTION
The SD1003 is a CC/CV control mode
monolithic buck switching regulator. Operating
with an input range of 8-30V, the SD1003 delivers
1200mA of continuous output current, It adopts
NMOS for the main switch and PMOS for the
synchronous switch. The internal synchronous
power switches provide high efficiency without
the use of an external Schottky diode. At light
loads, regulators operate in low frequency to
maintain high efficiency and low output ripple.
Current mode control provides tight load transient
response and cycle-by-cycle current limit.
The SD1003 guarantees robustness with
short-circuit protection, thermal protection,
start-up current run-away protection, and input
under/over voltage lockout.
The SD1003 is available in 5-pin SOT23-5,8-pin
SOP8,8-pin HDIP8,8-pin DIP8 package, which
provides a compact solution with minimal external
components.




Similar Part No. - SD1003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD1003 ETC-SD1003 Datasheet
50Kb / 2P
1.0A Surface Mount Schottky Barrier Rectifier
logo
Taiwan Semiconductor Co...
SD1003 TSC-SD1003 Datasheet
56Kb / 2P
1.0A Surface Mount Schottky Barrier Rectifier
logo
Won-Top Electronics
SD1003CS-T3 WTE-SD1003CS-T3 Datasheet
46Kb / 3P
10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - SD1003

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1567 MPS-MP1567 Datasheet
302Kb / 11P
1.2A Synchronous Rectified Step-Down Converter
MP2305 MPS-MP2305 Datasheet
298Kb / 10P
2A, 23V Synchronous Rectified Step-Down Converter
logo
E-CMOS Corporation
EC3283A E-CMOS-EC3283A Datasheet
817Kb / 13P
2A, 23V, Synchronous-Rectified Step-Down Converter
logo
Monolithic Power System...
MP1472 MPS-MP1472 Datasheet
453Kb / 13P
2A, 18V Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1482 UTC-P1482_17 Datasheet
233Kb / 5P
SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484 UTC-P1484_17 Datasheet
254Kb / 5P
SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD1519 TECHCODE-TD1519 Datasheet
939Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
TD2776B TECHCODE-TD2776B Datasheet
935Kb / 14P
22V Synchronous Rectified Step-Down Converter
TD2786 TECHCODE-TD2786 Datasheet
606Kb / 16P
3A 30V Synchronous Rectified Step-Down Converter
logo
ARTSCHIP ELECTRONICS CO...
MP1482 ARTSCHIP-MP1482 Datasheet
2Mb / 10P
Synchronous Rectified Step-Down Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com