Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPT4871 Datasheet (PDF) - List of Unclassifed Manufacturers

XPT4871 Datasheet PDF - List of Unclassifed Manufacturers
Part # XPT4871
Download  XPT4871 Download
File Size   1319.86 Kbytes
Page   15 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Audio Power Amplifier

XPT4871 Datasheet (PDF)

Go To PDF Page Download Datasheet
XPT4871 Datasheet PDF - List of Unclassifed Manufacturers

Part # XPT4871
Download  XPT4871 Click to download

File Size   1319.86 Kbytes
Page   15 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Audio Power Amplifier

XPT4871 Datasheet (HTML) - List of Unclassifed Manufacturers


XPT4871 Product details

Chip Function Description
The XPT4871 is a bridge-tied load (BTL) audio power amplifier. At a 5V operating voltage, it delivers a maximum output power of 3W (LLP package, 3Ω BTL load, THD < 10%), with Total Harmonic Distortion plus Noise (THD+N) of less than 1% across the audio frequency range (20Hz–20kHz).
The XPT4871 features a simple application circuit requiring minimal external components.
Its output stage eliminates the need for external coupling capacitors, bootstrap capacitors, or snubber networks.
Available in MSOP, SOP, DIP, and LLP packages, the XPT4871 is ideally suited for compact, lightweight portable systems.
It supports a shutdown mode to reduce power consumption.
The device includes an internal thermal shutdown protection mechanism.
The XPT4871 offers stable operation with a gain-bandwidth product of 2.5MHz and is unity-gain stable. The voltage gain can be adjusted via external resistors, facilitating ease of application.

Key Chip Functional Features
High output power (THD+N < 10%, 1 kHz):
3W (3Ω load) and 2.5W (4Ω load) for LLP package
1.5W (8Ω load) for other packages
Low shutdown mode leakage current: 0.6µA (typical)
Available in MSOP, SO, LLP, and DIP packages
Externally adjustable gain
Wide operating voltage range: 2.0V–5.5V
No output coupling capacitors, bootstrap capacitors, or snubber networks required
Unity-gain stable
Fully compatible with LM4861/LM4871




Similar Part No. - XPT4871

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XPT4890 ETC2-XPT4890 Datasheet
249Kb / 6P
Audio Power Amplifier
XPT4890DF ETC2-XPT4890DF Datasheet
249Kb / 6P
Audio Power Amplifier
XPT4890MS ETC2-XPT4890MS Datasheet
249Kb / 6P
Audio Power Amplifier
XPT4890SO ETC2-XPT4890SO Datasheet
249Kb / 6P
Audio Power Amplifier
More results


Similar Description - XPT4871

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7376P TOSHIBA-TA7376P Datasheet
303Kb / 7P
AUDIO POWER AMPLIFIER
logo
Fairchild Semiconductor
KSA1943 FAIRCHILD-KSA1943 Datasheet
65Kb / 4P
Audio Power Amplifier
logo
Toshiba Semiconductor
TA7368 TOSHIBA-TA7368 Datasheet
381Kb / 10P
AUDIO POWER AMPLIFIER
logo
NEC
UPC1213C NEC-UPC1213C Datasheet
547Kb / 11P
AUDIO POWER AMPLIFIER
logo
Mitsumi Electronics, Co...
MM3111 MITSUMI-MM3111 Datasheet
39Kb / 3P
Audio Power Amplifier
logo
Fairchild Semiconductor
FJP5200 FAIRCHILD-FJP5200 Datasheet
565Kb / 5P
Audio Power Amplifier
logo
SG Micro Corp
SGM4995 SGMICRO-SGM4995 Datasheet
312Kb / 11P
Audio Power Amplifier
logo
List of Unclassifed Man...
XPT9305 ETC2-XPT9305 Datasheet
210Kb / 7P
Audio Power Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC6019 FUMAN-TC6019 Datasheet
1Mb / 20P
Audio power amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com