Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F147 Datasheet (PDF) - Texas Instruments

MSP430F147 Datasheet PDF - Texas Instruments
Part # MSP430F147
Download  MSP430F147 Download
File Size   1586.33 Kbytes
Page   88 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers

MSP430F147 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSP430F147 Datasheet PDF - Texas Instruments

Part # MSP430F147
Download  MSP430F147 Click to download

File Size   1586.33 Kbytes
Page   88 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers

MSP430F147 Datasheet (HTML) - Texas Instruments


MSP430F147 Product details

1.1 Features 1
• Low Supply Voltage Range, 1.8 V to 3.6 V
• Ultra-Low Power Consumption:
– Active Mode: 280 μA at 1 MHz, 2.2 V
– Standby Mode: 1.6 μA
– Off Mode (RAM Retention): 0.1 μA
• Five Power-Saving Modes
• Wakeup From Standby Mode in Less Than 6 μs
• 16-Bit RISC Architecture, 125-ns Instruction Cycle Time
• 12-Bit Analog-to-Digital Converter (ADC) With Internal Reference, Sample-and-Hold, and Autoscan Feature
• 16-Bit Timer_B With Seven Capture/Compare-With-Shadow Registers
• 16-Bit Timer_A With Three Capture/CompareRegisters
• On-Chip Comparator
• Serial Onboard Programming, No External Programming Voltage Needed, Programmable Code Protection by Security Fuse
• Serial Communication Interface (USART), Functions as Asynchronous UART or Synchronous SPI Interface
– Two USARTs (USART0, USART1) On MSP430F14x and MSP430F14x1 Devices
– One USART (USART0) On MSP430F13x Devices
• Family Members (Also See Device Comparison)
– MSP430F133
– 8KB + 256 Bytes of Flash Memory, 256 Bytes of RAM
– MSP430F135
– 16KB + 256 Bytes of Flash Memory, 512 Bytes of RAM
– MSP430F147, MSP430F1471
– 32KB + 256 Bytes of Flash Memory, 1KB of RAM
– MSP430F148, MSP430F1481
– 48KB + 256 Bytes of Flash Memory, 2KB of RAM
– MSP430F149, MSP430F1491
– 60KB + 256 Bytes of Flash Memory, 2KB of RAM




Similar Part No. - MSP430F147

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F147 TI-MSP430F147 Datasheet
1Mb / 59P
MIXED SIGNAL MICROCONTROLLER
MSP430F147 TI-MSP430F147 Datasheet
987Kb / 59P
MIXED SIGNAL MICROCONTROLLER
MSP430F147 TI1-MSP430F147 Datasheet
6Mb / 21P
ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F147 TI-MSP430F147 Datasheet
1Mb / 83P
MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
REVISED MAY 2018
MSP430F147 TI2-MSP430F147 Datasheet
1Mb / 88P
MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
REVISED MAY 2018
More results


Similar Description - MSP430F147

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
Mixed-Signal Microcontrollers
MSP430F5438 TI1-MSP430F5438 Datasheet
1Mb / 104P
Mixed-Signal Microcontrollers
MSP430F149 TI-MSP430F149 Datasheet
1Mb / 83P
MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
REVISED MAY 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com