Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC5844 Datasheet (PDF) - Infinite Electronics International, Inc.

SC5844 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC5844
Download  SC5844 Download
File Size   432.39 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.92mm Male Connector Solder Attachment For RG405, RG405 Tinned, .086 SR Cable

SC5844 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC5844 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC5844
Download  SC5844 Click to download

File Size   432.39 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2.92mm Male Connector Solder Attachment For RG405, RG405 Tinned, .086 SR Cable

SC5844 Datasheet (HTML) - Infinite Electronics International, Inc.


SC5844 Product details

Features
• Operating Frequency
• of 40 GHz Max.
• Good VSWR of 1.3:1
• Gold over Nickel Plated
• Beryllium Copper Contact
• 50 µin minimum contact plating
• Applications:
• General Purpose Test
• Custom Cable Assemblies




Similar Part No. - SC5844

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC5840 FAIRVIEW-SC5840 Datasheet
478Kb / 3P
2.92mm Female Bulkhead Precision Connector Clamp/Solder Attachment For RG405 Cable , .235 inch D Hole
REV 1
SC5841 FAIRVIEW-SC5841 Datasheet
444Kb / 2P
2.92mm Female Precision Connector Clamp/Solder Attachment For RG405 Cable
REV 1
SC5842 FAIRVIEW-SC5842 Datasheet
447Kb / 2P
2.92mm Male Precision Connector Clamp/Solder Attachment For RG405 Cable
REV 1
SC5843 FAIRVIEW-SC5843 Datasheet
425Kb / 2P
2.92mm Female Precision Connector Clamp/Solder Attachment For .047 SR Cable
REV 1
More results


Similar Description - SC5844

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44215 PASTERNACK-PE44215 Datasheet
271Kb / 2P
2.4mm Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE34747 PASTERNACK-PE34747 Datasheet
289Kb / 1P
CABLE ASSEMBLY RG405/U 2.92mm MALE TO 2.92mm FEMALE BULKHEAD
PE4005 PASTERNACK-PE4005 Datasheet
273Kb / 3P
SMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE36531 PASTERNACK-PE36531 Datasheet
110Kb / 1P
CABLE ASSEMBLY, RG405/U, 1.85MM MALE TO 2.92MM MALE
PE4649 PASTERNACK-PE4649 Datasheet
231Kb / 3P
TNC Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4988 PASTERNACK-PE4988 Datasheet
274Kb / 2P
2.92mm Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44495 PASTERNACK-PE44495 Datasheet
209Kb / 2P
QMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE44796 PASTERNACK-PE44796 Datasheet
216Kb / 2P
2.92mm Male Precision Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE34735LF PASTERNACK-PE34735LF Datasheet
278Kb / 1P
CABLE ASSEMBLY, PE-RG405/U, 2.92mm MALE TO 2.92mm MAIL
PE35660 PASTERNACK-PE35660 Datasheet
269Kb / 1P
CABLE ASSEMBLY, RG405/U, 2.4mm MALE TO 2.92mm MALE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com