Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HCT04 Datasheet (PDF) - STMicroelectronics

M54HCT04 Datasheet PDF - STMicroelectronics
Part # M54HCT04
Download  M54HCT04 Download
File Size   231.41 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX INVERTER

M54HCT04 Datasheet (PDF)

Go To PDF Page Download Datasheet
M54HCT04 Datasheet PDF - STMicroelectronics

Part # M54HCT04
Download  M54HCT04 Click to download

File Size   231.41 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description HEX INVERTER

M54HCT04 Datasheet (HTML) - STMicroelectronics


M54HCT04 Product details

DESCRIPTION

The M54/74HCT04 is a high speed CMOS INVERTER fabricated in silicon gate C2MOS technology. It has the same high speed performance of LSTTL combined with true CMOS low power consumption.

The internal circuit is composed of 3 stages including buffered output, which gives high noise immunity and a stable output.

All inputs are equipped with protection circuits against static discharge or transient excess voltage. This integrated circuit has input and output characteristic that are fully compatible with 54/74 LSTTL logic families. M54HCT/74HCT devices are designed to directly interface HSC2MOS systems with TTL and NMOS components. They are also plug in replacements for LSTTL devices giving a reduction of power consumption.



. HIGH SPEED

   tPD = 8 ns (TYP.) AT VCC = 5 V

. LOW POWER DISSIPATION

   ICC = 1 µA (MAX.) AT TA = 25°C

. COMPATIBLE WITH TTL OUTPUTS

   VIH = 2V (MIN.) VIL = 0.8V (MAX)

. OUTPUT DRIVE CAPABILITY 10 LSTTL LOADS

. SYMMETRICAL OUTPUT IMPEDANCE

   |IOH| = IOL = 4 mA (MIN.)

. BALANCED PROPAGATION DELAYS

   tPLH = tPHL

. PIN AND FUNCTION COMPATIBLE WITH 54/74LS04



 




Similar Part No. - M54HCT04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
QUAD 2-INPUT NAND GATE
Feb-1993
M54HCT00F1R STMICROELECTRONICS-M54HCT00F1R Datasheet
231Kb / 9P
QUAD 2-INPUT NAND GATE
Feb-1993
M54HCT02 STMICROELECTRONICS-M54HCT02 Datasheet
231Kb / 9P
QUAD 2-INPUT NOR GATE
Feb-1993
M54HCT02F1R STMICROELECTRONICS-M54HCT02F1R Datasheet
231Kb / 9P
QUAD 2-INPUT NOR GATE
Feb-1993
M54HCT08 STMICROELECTRONICS-M54HCT08 Datasheet
231Kb / 9P
QUAD 2-INPUT AND GATE
Feb-1993
More results


Similar Description - M54HCT04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
Hex inverter
1991 Feb 08
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
Hex inverter
2003 Jul 23
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
Hex Inverter
74F04 FAIRCHILD-74F04 Datasheet
48Kb / 4P
Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
Hex Inverter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com