|
KEY FEATURES:
EMC Compliant: Meets EN50081-1, EN50082-2, EN61000-3-2, and EN60945
True Zero-Crossing Switching: Clean and efficient on/off transitions
High Surge Withstanding: 1,200A surge for 10ms, transient over-voltage 1,200Vpk
Low Power Loss: Max 1.55V on-state voltage drop
Wide Control Voltage: 3–28VDC with control status LED
Optical Isolation: Input-output isolation at 2,500V
Flexible Mounting: For chassis or heatsink
APPLICATIONS:
3-phase motors and industrial process heaters
HVAC systems and air curtains
UPS systems and power conditioning units
Solenoids, lighting, and automation control
Signalling and building services
|