Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10213 Datasheet (PDF) - United Automation Ltd. All rights reserved

X10213 Datasheet PDF - United Automation Ltd. All rights reserved
Part # X10213
Download  X10213 Download
File Size   946.67 Kbytes
Page   5 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description High-Performance Three-Phase Filter with Neutral Compact EMI/RFI Line Filter for Machinery,EV Charging, and Industrial Equipment

X10213 Datasheet (PDF)

Go To PDF Page Download Datasheet
X10213 Datasheet PDF - United Automation Ltd. All rights reserved

Part # X10213
Download  X10213 Click to download

File Size   946.67 Kbytes
Page   5 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description High-Performance Three-Phase Filter with Neutral Compact EMI/RFI Line Filter for Machinery,EV Charging, and Industrial Equipment

X10213 Datasheet (HTML) - United Automation Ltd. All rights reserved


X10213 Product details

KEY FEATURES:
 Compact Design: Slim housing
for space-saving chassis
installation
 Touch-Safe Terminal Block:
Compliant with EN60204-1 for
enhanced safety
 Exceptional EMC Performance:
Suitable for domestic (Class B)
and industrial (Class A)
environments
 High Load Capability: Supports
up to 200A at 50°C ambient
 Robust Electrical Safety: High
dielectric strength and IP20
protection
 Overload Support: 1.5× rated
current for 60 seconds/hour
 Versatile Applications: Ideal for
complex automation systems with
multiple drive axes
 Optimised for Long Motor
Cables: Supports 10–20m cable
lengths per drive
 Reduces Emissions & Increases
Immunity: When installed at
mains input
APPLICATIONS:
 Three-phase motor drives and
servo systems
 Inverters, converters, and power
supply equipment
 EV chargers and charging stations
 Renewable energy systems
 HVAC, elevators, UPS systems
 Industrial machinery with multiple
drive axes




Similar Part No. - X10213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X10213 ETC2-X10213 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10213 UNITEDAUTOMATION-X10213 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10213 UNITEDAUTOMATION-X10213 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10213 UNITEDAUTOMATION-X10213 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10213 UNITEDAUTOMATION-X10213 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
More results


Similar Description - X10213

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUF3101FC ONSEMI-NUF3101FC Datasheet
126Kb / 4P
Three Line EMI Filter
March, 2006 ??Rev. 2
logo
Tyco Electronics
3DAF1 MACOM-3DAF1_11 Datasheet
215Kb / 2P
Compact RFI Line Filter with DC Inlet Connection
logo
PowerDynamics, Inc
PEA POWERDYNAMICS-PEA Datasheet
155Kb / 3P
CHASSIS MOUNT, HIGH PERFORMANCE, SINGLE STAGE EMI/RFI LINE FILTER.
PK01Q-50-1C POWERDYNAMICS-PK01Q-50-1C Datasheet
472Kb / 3P
CHASSIS MOUNT, HIGH PERFORMANCE, MULTIPURPOSE, SINGLE STAGE EMI/RFI LINE FILTER.
logo
List of Unclassifed Man...
FN256-16-46 ETC2-FN256-16-46 Datasheet
877Kb / 4P
Compact general purpose three-phase and neutral line EMC filter
logo
Schaffner International...
FN-354 SCHAFFNER-FN-354 Datasheet
353Kb / 4P
Compact Three-phase and Neutral Line Filter for High Frequency Attenuation
FN-3256 SCHAFFNER-FN-3256 Datasheet
572Kb / 4P
Compact Line Filter for Industrial Machinery/Equipment
FN-3280 SCHAFFNER-FN-3280 Datasheet
566Kb / 4P
High-end Line Filter for Machinery/Equipment
logo
TE Connectivity Ltd
AHV TEC-AHV Datasheet
3Mb / 26P
THREE PHASE HIGH PERFORMANCE EMI FILTER
08/22
logo
Schaffner International...
FN2220 SCHAFFNER-FN2220 Datasheet
365Kb / 5P
DC-Busbar EMC/RFI Filter for EV charging applications
27 Oct 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com