Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A402191 Datasheet (PDF) - United Automation Ltd. All rights reserved

A402191 Datasheet PDF - United Automation Ltd. All rights reserved
Part # A402191
Download  A402191 Download
File Size   672.97 Kbytes
Page   4 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description Up to 30A per channel, 230V Up to 80A total, 415V

A402191 Datasheet (PDF)

Go To PDF Page Download Datasheet
A402191 Datasheet PDF - United Automation Ltd. All rights reserved

Part # A402191
Download  A402191 Click to download

File Size   672.97 Kbytes
Page   4 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description Up to 30A per channel, 230V Up to 80A total, 415V

A402191 Datasheet (HTML) - United Automation Ltd. All rights reserved


A402191 Product details

KEY FEATURES:
 Versatile Control: Supports DC signal, 5KΩ potentiometer and D/A HMI
 User-Friendly: Easy access to terminals for simple installation
 Robust Design & Performance: Ideal for control of larger infrared lamps
 Integral RC Snubber for smooth inductive load control.
 Built-in EMC filtering for compliance with emission standards.
 Rugged, compact design with 4 mounting holes for easy installation.
APPLICATIONS:
These controllers are ideal for controlling larger scale infrared lamp installations whether it be 3 phase or single phase – there will be a suitable option for your application. Heater batteries are also ideal loads for these controllers.




Similar Part No. - A402191

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
A402191 UNITEDAUTOMATION-A402191 Datasheet
565Kb / 4P
Controller System
14 July 2025
More results


Similar Description - A402191

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NVF4-5 DBLECTRO-NVF4-5_05 Datasheet
294Kb / 2P
Contact load capacity up to 30A
logo
C&K Components
F4UEEAU CK-COMPONENTS-F4UEEAU Datasheet
440Kb / 10P
Up to 10 poles per module
logo
Artesyn Technologies
IVS1-5L1-1Q1-2EO-4LL0 ARTESYN-IVS1-5L1-1Q1-2EO-4LL0 Datasheet
2Mb / 12P
Total Power: Up to 4920 W
IMP1-3L0-2E2-1Q1-4LL0 ARTESYN-IMP1-3L0-2E2-1Q1-4LL0 Datasheet
3Mb / 9P
Total Power: Up to 1500 W
logo
Level One
GEP-2450 LVL1-GEP-2450 Datasheet
1Mb / 3P
Total PoE power budget: 185W, up to 30W per port
logo
Honeywell Solid State E...
HMR3000 HONEYWELL-HMR3000_16 Datasheet
446Kb / 7P
Up to 20 Updates per Second
logo
STMicroelectronics
STEVAL-ILL035V1 STMICROELECTRONICS-STEVAL-ILL035V1 Datasheet
256Kb / 6P
Up to 15 white LEDs per channel
04-Jun-2012
logo
CIT Relay & Switch
A3F1CSQ24VDC2 CIT-A3F1CSQ24VDC2 Datasheet
139Kb / 4P
Large switching capacity up to 80A
A10 CIT-A10 Datasheet
111Kb / 2P
Switching capacity up to 30A
A11ASQ12VDC1.2 CIT-A11ASQ12VDC1.2 Datasheet
104Kb / 3P
Switching capacity up to 30A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com