Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X20032 Datasheet (PDF) - United Automation Ltd. All rights reserved

X20032 Datasheet PDF - United Automation Ltd. All rights reserved
Part # X20032
Download  X20032 Download
File Size   636.28 Kbytes
Page   5 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 6000W, 230v Remote switch soft start

X20032 Datasheet (PDF)

Go To PDF Page Download Datasheet
X20032 Datasheet PDF - United Automation Ltd. All rights reserved

Part # X20032
Download  X20032 Click to download

File Size   636.28 Kbytes
Page   5 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 6000W, 230v Remote switch soft start

X20032 Datasheet (HTML) - United Automation Ltd. All rights reserved


X20032 Product details

KEY FEATURES:
 Extended Lamp Life: Soft-start and zero-voltage switch-off significantly increase lamp longevity.
 Versatile Control: Manage up to four 1.5kW lamps with ease.
 Energy Efficient: Reduces inrush currents to protect heater elements and save energy.
 Easy Installation: Designed for simple wiring with additional cable entry points.
 Durable Construction: IP65-rated for robust protection against dust and water.
APPLICATIONS:
The Infresco-S 4kW controller is perfect for a wide range of settings, including:
 Patio Areas
 Smoking Shelters
 Restaurants
 Warehouses
 Workshops
 Garden Lighting
 Livery Stables




Similar Part No. - X20032

ManufacturerPart #DatasheetDescription
logo
United Automation Ltd. ...
X20033 UNITEDAUTOMATION-X20033 Datasheet
503Kb / 4P
4000W, 240V Efficient Outdoor Heating with Energy-Saving Features
1 July 2025
X20035 UNITEDAUTOMATION-X20035 Datasheet
429Kb / 4P
415V, 230V, 110V, 24V, 15V Dual Mode Firing Circuit
1 July 2025
X20036 UNITEDAUTOMATION-X20036 Datasheet
438Kb / 4P
1500W, 240V Optimal Control for Quartz Halogen Infrared Heat Lamps
1 July 2025
More results


Similar Description - X20032

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP340MUTBG ONSEMI-NCP340MUTBG Datasheet
245Kb / 9P
Soft-Start Controlled Load Switch
June, 2013 ??Rev. 0
NCP330MUTBG ONSEMI-NCP330MUTBG Datasheet
249Kb / 9P
Soft-Start Controlled Load Switch
June, 2012 ??Rev. 1
logo
Tripp Lite. All Rights ...
APSX6048VRNET TRIPPLITE-APSX6048VRNET Datasheet
559Kb / 4P
PowerVerter APS X 6000W 48VDC 208/230V
logo
Rohm
BD2068FJ-M ROHM-BD2068FJ-M Datasheet
1Mb / 25P
Soft-Start Circuit
logo
ON Semiconductor
NCP330 ONSEMI-NCP330 Datasheet
211Kb / 9P
Soft-Start Controlled Load Switch
April, 2015 ??Rev. 2
logo
Festo Corporation.
529521 FESTO-529521 Datasheet
85Kb / 2P
Soft start valve
3/31/22
529533 FESTO-529533 Datasheet
83Kb / 1P
Soft start valve
3/31/22
529818 FESTO-529818 Datasheet
83Kb / 1P
Soft start valve
3/31/22
531992 FESTO-531992 Datasheet
84Kb / 1P
Soft start valve
3/31/22
542566 FESTO-542566 Datasheet
86Kb / 2P
Soft start valve
3/31/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com