Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X10213 Datasheet (PDF) - United Automation Ltd. All rights reserved

X10213 Datasheet PDF - United Automation Ltd. All rights reserved
Part # X10213
Download  X10213 Download
File Size   1202.52 Kbytes
Page   7 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 110/230v, 440v, 380/500v, 400/500v Advanced Three-Phase Thyristor Control

X10213 Datasheet (PDF)

Go To PDF Page Download Datasheet
X10213 Datasheet PDF - United Automation Ltd. All rights reserved

Part # X10213
Download  X10213 Click to download

File Size   1202.52 Kbytes
Page   7 Pages
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 110/230v, 440v, 380/500v, 400/500v Advanced Three-Phase Thyristor Control

X10213 Datasheet (HTML) - United Automation Ltd. All rights reserved


X10213 Product details

KEY FEATURES:
 Dual Control Modes: Select between phase angle and burst fire (Single-Cycle/Dual-Cycle & adjustable Burst Firing).
 Soft Start: Adjustable ramp speed (0-30 seconds) for smooth power application.
 Wide Control Options: Compatible with 0-5V, 0-10V, 1-5V, 2-10V, 0-20mA, 4-20mA signals, and manual potentiometer input.
 Auto Phase-Rotation Detection: Ensures correct phase alignment and operation.
 On-Board Protection: Integrated fuse and LED indicators for power, burst rates, and fault conditions.
 Standard DIN Rail Mounting.
 Isolated Pulse Transformer Outputs.
APPLICATIONS:
The DFMC36 Driver Module is ideal for:
 Industrial Heating
 AC Motor Control.
 Power Supplies & Rectifiers
 Electroplating
 Transformer Management
 Soft Starters




Similar Part No. - X10213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X10213 ETC2-X10213 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10213 UNITEDAUTOMATION-X10213 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10213 UNITEDAUTOMATION-X10213 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10213 UNITEDAUTOMATION-X10213 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10213 UNITEDAUTOMATION-X10213 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
More results


Similar Description - X10213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATS22D47Q ETC1-ATS22D47Q Datasheet
222Kb / 10P
soft starter-ATS22-control 220V-power 230V(11kW)/400...440V(22kW)
logo
Sanken electric
SCM1200MF SANKEN-SCM1200MF Datasheet
1Mb / 60P
500V / 600V High Voltage Three-phase Motor Driver ICs
logo
List of Unclassifed Man...
ATS22C17Q ETC2-ATS22C17Q Datasheet
259Kb / 9P
soft starter-ATS22-control 220V-power 230V(45kW)/400...440V(90kW)
ATV320U22N4C ETC2-ATV320U22N4C Datasheet
198Kb / 11P
variable speed drive ATV320 - 2.2kW - 380...500V - 3 phase - compact
logo
Schneider Electric
ATS22D17Q SCHNEIDER-ATS22D17Q Datasheet
223Kb / 43P
soft starter-ATS22-control 220V-power 230V(4kW)/400...440V(7.5kW)
ABL8WPS24400 SCHNEIDER-ABL8WPS24400 Datasheet
243Kb / 9P
Regulated Switch Power Supply, 3-phase 380..500V, 24V, 40 A
Jun 3, 2021
ATS22C41Q SCHNEIDER-ATS22C41Q Datasheet
231Kb / 10P
soft starter-ATS22-control 220V-power 230V(110kW)/400...440V(220kW)
Aug 9, 2019
ATS22D32Q SCHNEIDER-ATS22D32Q Datasheet
281Kb / 11P
soft starter-ATS22-control 220V-power 230V(7.5kW)/400...440V(15kW)
Aug 9, 2019
ATS22D75Q SCHNEIDER-ATS22D75Q Datasheet
283Kb / 11P
soft starter-ATS22-control 220V-power 230V(18.5kW)/400...440V(37kW)
Aug 9, 2019
ATS22D88Q SCHNEIDER-ATS22D88Q Datasheet
283Kb / 11P
soft starter-ATS22-control 220V-power 230V(22kW)/400...440V(45kW)
Aug 9, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com