Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC6037 Datasheet (PDF) - Infinite Electronics International, Inc.

SC6037 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC6037
Download  SC6037 Download
File Size   550.8 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description BNC Male (Plug) Connector For RG55, RG58 Cable, Clamp/Solder

SC6037 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC6037 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC6037
Download  SC6037 Click to download

File Size   550.8 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description BNC Male (Plug) Connector For RG55, RG58 Cable, Clamp/Solder

SC6037 Datasheet (HTML) - Infinite Electronics International, Inc.


SC6037 Product details

Features
• Operating Frequency
• of 4 GHz Max.
• Excellent VSWR of 1.2:1
• Silver Plated Brass Contact
• Contact plating according
• to QQ-S-365
• Applications:
• General Purpose Test
• Custom Cable Assemblies




Similar Part No. - SC6037

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC603 SEMTECH-SC603 Datasheet
793Kb / 12P
CHARGE PUMP REGULATOR WITH SELECTABLE 5.0V/4.5V OUTPUT
logo
Infinite Electronics In...
SC6030 FAIRVIEW-SC6030 Datasheet
512Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG316, RG174, RG188, 0.100 inch, LMR-100, LMR- 100A, LMR-100A-FR Cable
REV 2.0
SC6031 FAIRVIEW-SC6031 Datasheet
514Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG316, RG174, RG188, 0.100 inch, LMR-100, LMR- 100A, LMR-100A-FR Cable
REV 2.1
SC6034 FAIRVIEW-SC6034 Datasheet
23Kb / 1P
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
logo
ABC Taiwan Electronics ...
SC60360001L ABC-SC60360001L Datasheet
2Mb / 11P
SMD BALUN TRANSFORMER
More results


Similar Description - SC6037

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4565 PASTERNACK-PE4565 Datasheet
271Kb / 2P
LC Male Connector Clamp/Solder Attachment For RG58, RG55, RG142, RG223, RG400
PE4728 PASTERNACK-PE4728 Datasheet
265Kb / 2P
RP BNC Male Right Angle Connector Clamp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
PE4736 PASTERNACK-PE4736 Datasheet
275Kb / 3P
RP BNC Female Connector Clamp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
PE4053 PASTERNACK-PE4053 Datasheet
277Kb / 3P
BNC Male Right Angle Connector Clamp/Solder Attachment For RG55, RG58, RG141, RG142, RG223, RG400
PE4058 PASTERNACK-PE4058 Datasheet
299Kb / 2P
BNC Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE44052 PASTERNACK-PE44052 Datasheet
274Kb / 2P
UHF Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4023 PASTERNACK-PE4023 Datasheet
498Kb / 3P
BNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4198 PASTERNACK-PE4198 Datasheet
309Kb / 3P
HN Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4714 PASTERNACK-PE4714 Datasheet
237Kb / 3P
RP BNC Male Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4027 PASTERNACK-PE4027 Datasheet
253Kb / 2P
SMA Male Connector Clamp-Solder Attachment For RG58, RG55, RG142, RG223, RG400
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com