Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

00212349B Datasheet (PDF) - Optronics International

00212349B Datasheet PDF - Optronics International
Part # 00212349B
Download  00212349B Download
File Size   198.05 Kbytes
Page   2 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description LED Millennium Series 6.5" Sealed LED Marker/Clearance Lights

00212349B Datasheet (PDF)

Go To PDF Page Download Datasheet
00212349B Datasheet PDF - Optronics International

Part # 00212349B
Download  00212349B Click to download

File Size   198.05 Kbytes
Page   2 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description LED Millennium Series 6.5" Sealed LED Marker/Clearance Lights

00212349B Datasheet (HTML) - Optronics International


00212349B Product details

Sealed, waterproof design
Hard wired, includes separate ground wire
Available with .180 male bullets or metripack connector
Choose from light only or kit with chrome bezel
Available in bulk and polypack packaging
Lifetime LED Warranty




Similar Part No. - 00212349B

ManufacturerPart #DatasheetDescription
logo
Optronics International
00212317B OPTRONICS-00212317B Datasheet
139Kb / 3P
Miscellaneous Trim Rings and Bezels
More results


Similar Description - 00212349B

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
6039-004-304R CML-6039-004-304R Datasheet
222Kb / 1P
Astrolite LED Indicator Lights
logo
Dialight Corporation
13071A DIALIGHT-13071A Datasheet
71Kb / 1P
LED Mini Marker/ Clearance Lamps
15071A DIALIGHT-15071A Datasheet
75Kb / 1P
LED Marker/Clearance Lamps
TMK-RR-13T-13 DIALIGHT-TMK-RR-13T-13 Datasheet
97Kb / 1P
Tactical Marker Lights
logo
List of Unclassifed Man...
STR1060005CE01 ETC2-STR1060005CE01 Datasheet
364Kb / 7P
3527 LED Strip Lights
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
LED reading lights
logo
Banner Engineering Corp...
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDIR62X62W BANNER-LEDIR62X62W Datasheet
239Kb / 3P
LED..R..W Series Ring Lights
LEDRSM BANNER-LEDRSM Datasheet
173Kb / 2P
LED..SM Series Spot Lights
LEDRSW BANNER-LEDRSW Datasheet
176Kb / 2P
LED..SW Series Spot Lights
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com