Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S203-C80 Datasheet (PDF) - ABB

S203-C80 Datasheet PDF - ABB
Part # S203-C80
Download  S203-C80 Download
File Size   108.24 Kbytes
Page   4 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Miniature Circuit Breaker - S200 80-100A - 3P - C - 80 ampere

S203-C80 Datasheet (PDF)

Go To PDF Page Download Datasheet
S203-C80 Datasheet PDF - ABB

Part # S203-C80
Download  S203-C80 Click to download

File Size   108.24 Kbytes
Page   4 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description Miniature Circuit Breaker - S200 80-100A - 3P - C - 80 ampere

S203-C80 Datasheet (HTML) - ABB


S203-C80 Product details

Extended Product Type S203-C80
Product ID 2CDS253001R0804
EAN 4016779916264
Catalog Description Miniature Circuit Breaker - S200 80-100A - 3P - C - 80 ampere
Long Description S203-C80 MCB C-Char., 6kA, 80A, 3P
General Information




Similar Part No. - S203-C80

ManufacturerPart #DatasheetDescription
logo
ABB
S203-C80 ABB-S203-C80 Datasheet
6Mb / 75P
Protecta Plus MCB distribution board 250A Edition 1
02.10.2017
More results


Similar Description - S203-C80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC60B ETC-PC60B Datasheet
721Kb / 7P
80 AMPERE MINIATURE DIRECT CURRENT CONTACTORS
logo
Schneider Electric
HOM2100 SCHNEIDER-HOM2100 Datasheet
131Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 100A
HOM2100C SCHNEIDER-HOM2100C Datasheet
131Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 100A
HOM2100CP SCHNEIDER-HOM2100CP Datasheet
143Kb / 2P
MINIATURE CIRCUIT BREAKER 120/240V 100A
QOU31001021 SCHNEIDER-QOU31001021 Datasheet
139Kb / 2P
QOU Miniature Circuit Breaker, 100A, 3P, 240V, 10kA, Shunt Trip
QOU31001042 SCHNEIDER-QOU31001042 Datasheet
139Kb / 2P
QOU Miniature Circuit Breaker, 100A, 3P, 240V, 10kA, Shunt Trip
QOU31001200 SCHNEIDER-QOU31001200 Datasheet
98Kb / 2P
QOU Miniature Circuit Breaker, 100A, 3P, 240V, 10kA, Aux Switch
QOU31007100 SCHNEIDER-QOU31007100 Datasheet
113Kb / 2P
QOU Miniature Circuit Breaker, 100A, 3P, 240V, 10kA, Lock-Off
EDB24060 SCHNEIDER-EDB24060 Datasheet
101Kb / 2P
MINIATURE CIRCUIT BREAKER 480Y/277V 100A
EDB341005282 SCHNEIDER-EDB341005282 Datasheet
55Kb / 1P
MINIATURE CIRCUIT BREAKER 480Y/277V 100A
Jun 17, 2020
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com