Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDF-4-A Datasheet (PDF) - Broyce Control

LEDF-4-A Datasheet PDF - Broyce Control
Part # LEDF-4-A
Download  LEDF-4-A Download
File Size   483.44 Kbytes
Page   1 Pages
Manufacturer  BROYCECONTROL [Broyce Control]
Direct Link  https://broycecontrol.com/
Logo BROYCECONTROL - Broyce Control
Description True Delay Off Timer (Delay On Release)

LEDF-4-A Datasheet (PDF)

Go To PDF Page Download Datasheet
LEDF-4-A Datasheet PDF - Broyce Control

Part # LEDF-4-A
Download  LEDF-4-A Click to download

File Size   483.44 Kbytes
Page   1 Pages
Manufacturer  BROYCECONTROL [Broyce Control]
Direct Link  https://broycecontrol.com/
Logo BROYCECONTROL - Broyce Control
Description True Delay Off Timer (Delay On Release)

LEDF-4-A Datasheet (HTML) - Broyce Control


LEDF-4-A Product details

*NEW* 17.5mm DIN rail housing
True Delay Off timing function
Adjustment of time delay range
Dual-voltage input
1 x SPDT relay output 8A
Green LED indication for supply status




Similar Part No. - LEDF-4-A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEDFOG101BK12 OSRAM-LEDFOG101BK12 Datasheet
124Kb / 3P
LED fog light with daytime running light functionality
LEDFOG103BL12 OSRAM-LEDFOG103BL12 Datasheet
119Kb / 3P
LED fog light with daytime running light functionality
LEDFOG103N OSRAM-LEDFOG103N Datasheet
112Kb / 3P
Additional mounting for LEDriving FOG PL and LEDriving F1
LEDFOG201BK12 OSRAM-LEDFOG201BK12 Datasheet
104Kb / 3P
LED fog light with integrated control
logo
ML Accessories Limited....
LEDFRA1 KNIGHTSBRIDGE-LEDFRA1 Datasheet
175Kb / 1P
12V / 24V In-line RF Controller and Remote
02/05/2024
More results


Similar Description - LEDF-4-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBA02CM24 ETC2-DBA02CM24 Datasheet
89Kb / 3P
Timers Delay on Release
DBB01C724 ETC2-DBB01C724 Datasheet
97Kb / 3P
Timers True delay on release
logo
TE Connectivity Ltd
7000 TEC-7000 Datasheet
975Kb / 7P
Available in on-delay, true off-delay, and on/off-delay
logo
FOTEK CONTROLS CO., LTD...
TFN-3S FOTEK-TFN-3S Datasheet
781Kb / 1P
OFF DELAY TIMER
logo
Carlo Gavazzi Holding A...
DBB01 CARLOGAVAZZI-DBB01 Datasheet
109Kb / 3P
Timers True delay on release Types
DBA52 CARLOGAVAZZI-DBA52 Datasheet
68Kb / 2P
Timers Delay on Release
DBA02 CARLOGAVAZZI-DBA02 Datasheet
91Kb / 3P
Timers Delay on Release
DBB51 CARLOGAVAZZI-DBB51 Datasheet
70Kb / 2P
Timers True Delay on Release
DBB02 CARLOGAVAZZI-DBB02 Datasheet
124Kb / 3P
Timers True delay on release
logo
Littelfuse
CT1S30 LITTELFUSE-CT1S30 Datasheet
422Kb / 2P
Delay-on-Make/Delay-on-Break Timer
Rev: 1-A-062116
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com