Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDK-4-A Datasheet (PDF) - Broyce Control

LEDK-4-A Datasheet PDF - Broyce Control
Part # LEDK-4-A
Download  LEDK-4-A Download
File Size   571.36 Kbytes
Page   1 Pages
Manufacturer  BROYCECONTROL [Broyce Control]
Direct Link  https://broycecontrol.com/
Logo BROYCECONTROL - Broyce Control
Description Delay On Operate with Instantaneous Contact Timer

LEDK-4-A Datasheet (PDF)

Go To PDF Page Download Datasheet
LEDK-4-A Datasheet PDF - Broyce Control

Part # LEDK-4-A
Download  LEDK-4-A Click to download

File Size   571.36 Kbytes
Page   1 Pages
Manufacturer  BROYCECONTROL [Broyce Control]
Direct Link  https://broycecontrol.com/
Logo BROYCECONTROL - Broyce Control
Description Delay On Operate with Instantaneous Contact Timer

LEDK-4-A Datasheet (HTML) - Broyce Control


LEDK-4-A Product details

*NEW* 17.5mm DIN rail housing
Instantaneous Contact (Relay 1)
Delay On Operate timing function (Relay 2)
7 Selectable time ranges (0.1 seconds – 100 hours)
Fine adjustment of selected time range
Multi-voltage input (12 – 230V AC/DC)
2 x SPDT relay output 8A
Green LED indication for supply / timing status
Red LED indication for relay statuses
Conforms to IEC 61812




Similar Part No. - LEDK-4-A

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LED CITIZEN-LED Datasheet
65Kb / 2P
Driving LEDs
logo
Banner Engineering Corp...
LED BANNER-LED Datasheet
355Kb / 5P
LED Series Sealed Backlights
logo
List of Unclassifed Man...
LED-051 ETC-LED-051 Datasheet
227Kb / 2P
Universal LED Backlight Kit 10.4" to 24" LCD Panels for LED Replacement and CCFL Conversion
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
Switch Mode LED Drivers
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
Switch Mode LED Drivers
More results


Similar Description - LEDK-4-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A108024600 ETC2-A108024600 Datasheet
72Kb / 3P
Timers Delay on Operate
DAA01CM24 ETC2-DAA01CM24 Datasheet
68Kb / 3P
Timers Delay on Operate
EAACT2310H ETC2-EAACT2310H Datasheet
49Kb / 2P
Timers Delay on Operate
EASSM2310M ETC2-EASSM2310M Datasheet
62Kb / 2P
Timers Delay on Operate
FAA01DM24 ETC2-FAA01DM24 Datasheet
71Kb / 3P
Timers Delay on Operate
logo
Tyco Electronics
2401-1A-1102 MACOM-2401-1A-1102 Datasheet
74Kb / 1P
2400 Series Delay On Operate Timer Fixed Timing, Relay Output
logo
List of Unclassifed Man...
DAA51CM24 ETC2-DAA51CM24 Datasheet
90Kb / 2P
Timers Delay on Operate
logo
Tyco Electronics
CLCU MACOM-CLCU Datasheet
51Kb / 2P
Delay on operate timing mode
logo
Carlo Gavazzi Holding A...
DAA51 CARLOGAVAZZI-DAA51 Datasheet
90Kb / 2P
Timers Delay on Operate
logo
Littelfuse
CT1S30 LITTELFUSE-CT1S30 Datasheet
422Kb / 2P
Delay-on-Make/Delay-on-Break Timer
Rev: 1-A-062116
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com