Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2400RDR-RSP Datasheet (PDF) - Infinite Electronics International, Inc.

HG2400RDR-RSP Datasheet PDF - Infinite Electronics International, Inc.
Part # HG2400RDR-RSP
Download  HG2400RDR-RSP Download
File Size   194.37 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2.4 GHz 0dBi STUB "Rubber Duck" WLAN Antenna with RIGID RP-SMA Plug Connector

HG2400RDR-RSP Datasheet (PDF)

Go To PDF Page Download Datasheet
HG2400RDR-RSP Datasheet PDF - Infinite Electronics International, Inc.

Part # HG2400RDR-RSP
Download  HG2400RDR-RSP Click to download

File Size   194.37 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2.4 GHz 0dBi STUB "Rubber Duck" WLAN Antenna with RIGID RP-SMA Plug Connector

HG2400RDR-RSP Datasheet (HTML) - Infinite Electronics International, Inc.


HG2400RDR-RSP Product details

Applications:  2.4 GHz ISM Band
 IEEE 802.11b, 802.11g Wireless LAN
 IEEE 802.11n (Pre-N, Draft-N, MIMO) Applications
 Factory WLAN installations
 Bluetooth®
 Wireless Video Systems
 Multipoint and Mobile Applications

Features:  Better performance than most stock PC-Card antennas
 Rigid Stub "Rubber Duck" antenna
 Compact and easy to deploy
 Fits a wide range of wireless devices
 RoHS Compliant




Similar Part No. - HG2400RDR-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2400RDR90-RSP L-COM-HG2400RDR90-RSP Datasheet
147Kb / 2P
HyperLink Wireless 2.4 GHz 0 dBi 90° Stub Rubber Duck Antenna – RP-SMA Plug
More results


Similar Description - HG2400RDR-RSP

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2450AT43B100 JOHANSON-2450AT43B100 Datasheet
528Kb / 4P
2.4 GHz WLAN, Home RF, Bluetooth Antenna
logo
Pasternack Enterprises,...
PE51018 PASTERNACK-PE51018 Datasheet
50Kb / 1P
Rubber Duck Antenna, 2400 . 2483.5 MHz, 2dB
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 2dBi
PE51078 PASTERNACK-PE51078 Datasheet
305Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 5dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
PE51095 PASTERNACK-PE51095 Datasheet
296Kb / 1P
Mini Tri-Band Rubber Duck Antenna 2dBi
logo
List of Unclassifed Man...
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
logo
Advantech Co., Ltd.
BB-ACH2-DBAT-DP003 ADVANTECH-BB-ACH2-DBAT-DP003 Datasheet
329Kb / 1P
2.4/5.8 GHz, 5 dBi, Wi-Fi RP-SMA Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com