Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2402RDR-1-RSP Datasheet (PDF) - Infinite Electronics International, Inc.

HG2402RDR-1-RSP Datasheet PDF - Infinite Electronics International, Inc.
Part # HG2402RDR-1-RSP
Download  HG2402RDR-1-RSP Download
File Size   364.2 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2.4 GHz 2 dBi Rubber Duck Antenna RP-SMA Plug Connector

HG2402RDR-1-RSP Datasheet (PDF)

Go To PDF Page Download Datasheet
HG2402RDR-1-RSP Datasheet PDF - Infinite Electronics International, Inc.

Part # HG2402RDR-1-RSP
Download  HG2402RDR-1-RSP Click to download

File Size   364.2 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2.4 GHz 2 dBi Rubber Duck Antenna RP-SMA Plug Connector

HG2402RDR-1-RSP Datasheet (HTML) - Infinite Electronics International, Inc.


HG2402RDR-1-RSP Product details

Features
• High Performance 2 dBi
• Flexible “Rubber Duck” Antenna
• Optional Magnetic Mount Available
• RIGID RP-SMA Plug Connector

Applications
• Multipoint and Mobile Applications & Bluetooth®
• 2.4 GHz ISM Band
• IEEE 802.11b, 802.11g, 802.11x (WiFi 6) Wireless LAN
• IEEE 802.11n (Pre-N, Draft-N) Applications
• Public Wireless Hotspot
• Wireless Video Systems
• IoT Systems




Similar Part No. - HG2402RDR-1-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2402RDR-RSP L-COM-HG2402RDR-RSP Datasheet
30Kb / 1P
Antenna, Stubby STR, RP SMA Plug
09/28/10
More results


Similar Description - HG2402RDR-1-RSP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51056 PASTERNACK-PE51056 Datasheet
64Kb / 1P
Rubber Duck Antenna 900-960 MHz, 1 dBi
PE51060 PASTERNACK-PE51060 Datasheet
63Kb / 1P
Rubber Duck/Whip Antenna 477 MHz, 5.5 dBi
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
logo
List of Unclassifed Man...
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
logo
Microchip Technology
TRF1001 MICROCHIP-TRF1001 Datasheet
75Kb / 1P
Aristotle RFA-02-L2H1 2 dBi 2.4 GHz External Antenna
3/26/2012
logo
Advantech Co., Ltd.
BB-ACH2-DBAT-DP003 ADVANTECH-BB-ACH2-DBAT-DP003 Datasheet
329Kb / 1P
2.4/5.8 GHz, 5 dBi, Wi-Fi RP-SMA Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com