Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HCT688 Datasheet (PDF) - STMicroelectronics

M54HCT688 Datasheet PDF - STMicroelectronics
Part # M54HCT688
Download  M54HCT688 Download
File Size   242.72 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 BIT EQUALITY COMPARATOR

M54HCT688 Datasheet (PDF)

Go To PDF Page Download Datasheet
M54HCT688 Datasheet PDF - STMicroelectronics

Part # M54HCT688
Download  M54HCT688 Click to download

File Size   242.72 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 BIT EQUALITY COMPARATOR

M54HCT688 Datasheet (HTML) - STMicroelectronics


M54HCT688 Product details

DESCRIPTION
The M54/74HCT688 utilizes silicon gate C2MOS technology to achieve operating speeds equivalent to LSTTL devices. Along with the low power dissipation and high noise immunity of standard C2MOS integrated circuit, it possesses the driving capability of 10 LSTTL load.
   
■ HIGH SPEED
    tPD = 17 ns (TYP.) AT VCC = 5 V
■ LOW POWER DISSIPATION
    ICC = 4 µA (MAX.) AT TA = 25 °C
■ COMPATIBLE WITH TTL OUTPUTS
    VIH = 2V (MIN.) VIL = 0.8V (MAX)
■ OUTPUT DRIVE CAPABILITY
    10 LSTTL LOADS
■ SYMMETRICAL OUTPUT IMPEDANCE
    |IOH| = IOL = 4 mA (MIN.)
■ BALANCED PROPAGATION DELAYS
    tPLH = tPHL
■ PIN AND FUNCTION COMPATIBLE
    WITH 54/74LS688
   




Similar Part No. - M54HCT688

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT640 STMICROELECTRONICS-M54HCT640 Datasheet
264Kb / 11P
OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
Oct-1993
M54HCT640F1R STMICROELECTRONICS-M54HCT640F1R Datasheet
264Kb / 11P
OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
Oct-1993
M54HCT643 STMICROELECTRONICS-M54HCT643 Datasheet
264Kb / 11P
OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
Oct-1993
M54HCT643F1R STMICROELECTRONICS-M54HCT643F1R Datasheet
264Kb / 11P
OCTAL BUS TRANSCEIVER3-STATE: HCT245 NON INVERTING HCT640 INVERTING, HCT643 INVERTING/NON INVERTING
Oct-1993
More results


Similar Description - M54HCT688

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC688 STMICROELECTRONICS-M54HC688 Datasheet
243Kb / 10P
8 BIT EQUALITY COMPARATOR
Oct-1992
logo
Toshiba Semiconductor
TC74HC688AP TOSHIBA-TC74HC688AP Datasheet
207Kb / 5P
8BIT EQUALITY COMPARATOR
TC74HCT688AP TOSHIBA-TC74HCT688AP Datasheet
205Kb / 5P
8-BIT EQUALITY COMPARATOR
logo
Fairchild Semiconductor
MM74HC688 FAIRCHILD-MM74HC688 Datasheet
99Kb / 7P
8-Bit Magnitude Comparator (Equality Detector)
logo
Toshiba Semiconductor
TC74AC521P TOSHIBA-TC74AC521P Datasheet
267Kb / 7P
8-BIT EQUALITY COMPARATOR
logo
National Semiconductor ...
MM54HCT688 NSC-MM54HCT688 Datasheet
109Kb / 4P
8-Bit Magnitude Comparator (Equality Detector)
logo
Toshiba Semiconductor
TC74ACT521P TOSHIBA-TC74ACT521P Datasheet
281Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Equality Comparator
TC74HCT688AP TOSHIBA-TC74HCT688AP_07 Datasheet
288Kb / 7P
8-Bit Equality Comparator
logo
STMicroelectronics
M74HC688 STMICROELECTRONICS-M74HC688 Datasheet
326Kb / 9P
8 BIT EQUALITY COMPARATOR
Jul-2001
M54HC688 STMICROELECTRONICS-M54HC688_04 Datasheet
300Kb / 10P
RAD-HARD 8 BIT EQUALITY COMPARATOR
01-Jun-2004
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com