Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4945 Datasheet (PDF) - Infinite Electronics International, Inc.

SC4945 Datasheet PDF - Infinite Electronics International, Inc.
Part # SC4945
Download  SC4945 Download
File Size   506.69 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment For 0.240 inch, LMR-240, LMR-240-DB, LMR-240-UF, RG8X, B7808A Cable

SC4945 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC4945 Datasheet PDF - Infinite Electronics International, Inc.

Part # SC4945
Download  SC4945 Click to download

File Size   506.69 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment For 0.240 inch, LMR-240, LMR-240-DB, LMR-240-UF, RG8X, B7808A Cable

SC4945 Datasheet (HTML) - Infinite Electronics International, Inc.


SC4945 Product details

Features
• Operating Frequency
• of 6 GHz Max.
• Excellent VSWR of 1.25:1
• Silver Plated Brass Contact
• Applications:
• General Purpose Test
• Custom Cable Assemblies




Similar Part No. - SC4945

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC4941 FAIRVIEW-SC4941 Datasheet
49Kb / 1P
FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM (12.3) 0.48"
REV A
SC4947 FAIRVIEW-SC4947 Datasheet
522Kb / 3P
7/16 DIN Male Connector Crimp/Solder Attachment For 0.400 inch, LMR-400, LMR-400-DB, LMR-400-UF Cable
REV 2.0
More results


Similar Description - SC4945

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44549 PASTERNACK-PE44549 Datasheet
212Kb / 2P
7/16 DIN Female Bulkhead Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
PE44642 PASTERNACK-PE44642 Datasheet
205Kb / 2P
BNC Female Connector Crimp-Solder Attachment For RG8X, LMR-240, PE-C240
PE44676 PASTERNACK-PE44676 Datasheet
206Kb / 2P
BNC Female Connector Crimp-Solder Attachment For RG8X, PE-C240, LMR-240
PE44664 PASTERNACK-PE44664 Datasheet
209Kb / 2P
RP SMA Male Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44670 PASTERNACK-PE44670 Datasheet
206Kb / 2P
RP TNC Male Connector Crimp - Solder Attachment For RG8X, PE-C240, LMR-240
PE44538 PASTERNACK-PE44538 Datasheet
216Kb / 3P
7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE44541 PASTERNACK-PE44541 Datasheet
263Kb / 2P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
PE44636 PASTERNACK-PE44636 Datasheet
207Kb / 2P
TNC Female Connector Crimp/Solder Attachment For RG8X, PE-C240, LMR-240
PE44994 PASTERNACK-PE44994 Datasheet
224Kb / 2P
7/16 DIN Male Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
logo
List of Unclassifed Man...
TC-240-TM-X ETC1-TC-240-TM-X Datasheet
67Kb / 1P
TNC MALE FOR LMR-240 CABLE SOLDER/CRIMP
B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com