Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A211RXB Datasheet (PDF) - Optronics International

A211RXB Datasheet PDF - Optronics International
Part # A211RXB
Download  A211RXB Download
File Size   136.86 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description Trim Rings for 6" Oval Sealed Flange Mount Lights

A211RXB Datasheet (PDF)

Go To PDF Page Download Datasheet
A211RXB Datasheet PDF - Optronics International

Part # A211RXB
Download  A211RXB Click to download

File Size   136.86 Kbytes
Page   1 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description Trim Rings for 6" Oval Sealed Flange Mount Lights

A211RXB Datasheet (HTML) - Optronics International


A211RXB Product details

Choose from stainless steel, chrome-plated plastic and red reflex models
A7TRSSB mounts to STL75AMFB flange using screws
A78CB1 and A78RXB snap onto flange/surface mount lights
A78RXB fulfills rear reflex function, eliminating the need for a separate reflector
A178TRSSB fits STL78, STL178, STL73, STL002, STL111, STL211, and STL1211
series lights
Available in bulk and polypack packaging




Similar Part No. - A211RXB

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A211R MPD-A211R Datasheet
94Kb / 2P
Compact, Regulated, 2W Single & Dual Output DC/DC Converters
A211RHI MPD-A211RHI Datasheet
184Kb / 2P
Very High Isolation, 2W Single & Dual Output DC/DC Con vert ers
A211RHI MPD-A211RHI Datasheet
201Kb / 2P
A200RHI
A211RI MPD-A211RI Datasheet
80Kb / 2P
High Isolation, 2W & 3W Single & Dual Output DC/DC Converters
More results


Similar Description - A211RXB

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0194360412 MOLEX4-0194360412 Datasheet
129Kb / 2P
MX150L??4 Circuit Rear Mount Flange Sealed
logo
Fuji Electric
EDS6-128C FUJI-EDS6-128C Datasheet
133Kb / 4P
EQUALIZING VALVE, OVAL FLANGE
logo
Grayhill, Inc
88-162 GRAYHILL-88-162 Datasheet
379Kb / 5P
Sealed, Flange Mounted
88AB2-172 GRAYHILL-88AB2-172 Datasheet
379Kb / 5P
Sealed, Flange Mounted
logo
Visual Communications C...
131A-303R VCC-131A-303R Datasheet
111Kb / 1P
Midget Flange Relampable Indicator Lights
logo
Molex Electronics Ltd.
19436-0414 MOLEX11-19436-0414 Datasheet
56Kb / 1P
MX150L 4 Circuit Rear Mount Flange Sealed Panel Mount Plug for 8 AWG Wire
logo
Copal Electronics
PLR20-8101 COPAL-PLR20-8101 Datasheet
92Kb / 2P
SLIP RINGS
logo
Molex Electronics Ltd.
0194360214 MOLEX1-0194360214_18 Datasheet
45Kb / 1P
MX150L 2 Circuit Rear Mount Flange Sealed Panel Mount Plug for 8 AWG Wire
logo
Banner Engineering Corp...
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDXR90S BANNER-LEDXR90S Datasheet
153Kb / 3P
LEDxR90S Series Sealed Ring Lights
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com