Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG1903MGRD Datasheet (PDF) - Infinite Electronics International, Inc.

HG1903MGRD Datasheet PDF - Infinite Electronics International, Inc.
Part # HG1903MGRD
Download  HG1903MGRD Download
File Size   85.07 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink 1.9 GHz 3 dBi Omnidirectional Rubber Duck Antenna with Magnetic Base

HG1903MGRD Datasheet (PDF)

Go To PDF Page Download Datasheet
HG1903MGRD Datasheet PDF - Infinite Electronics International, Inc.

Part # HG1903MGRD
Download  HG1903MGRD Click to download

File Size   85.07 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink 1.9 GHz 3 dBi Omnidirectional Rubber Duck Antenna with Magnetic Base

HG1903MGRD Datasheet (HTML) - Infinite Electronics International, Inc.


HG1903MGRD Product details

Applications:  1.9 GHz band applications
 PCS cellular radio applications
 Mobile applications
 GPRS/EDGE or CSD, (WAN) connections on GSM
1900 networks (Sony Ericsson® Edge PC-Card)
 Can be used with the following wireless data
services (Sierra Wireless AirCard® required):
o Alltel®
o AT&T® Wireless
o Cellular One®
o Sprint PCS®
o SureWest®
o T-Mobile®
o U.S. Cellular®
o Verizon Wireless®

Features:  Compact size, only 6.7" long
 Flexible "Rubber Duck" antenna
 Magnetic base with 5 ft. high performance lowloss 100-series cable
 Antenna features tilt and swivel design
 Custom connectors and cable lengths available
 RoHS Compliant




Similar Part No. - HG1903MGRD

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG1903MGRD-SM L-COM-HG1903MGRD-SM Datasheet
36Kb / 1P
1.9GHz 3dBi RUBBER DUCK ANTENNA MAGNETIC MOUNT W/ 5 FOOT CABLE AND CONNECTOR
10/12/16
More results


Similar Description - HG1903MGRD

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51055 PASTERNACK-PE51055 Datasheet
62Kb / 1P
Duck/Whip Antenna 900-960 MHz, 3 dBi
PE51056 PASTERNACK-PE51056 Datasheet
64Kb / 1P
Rubber Duck Antenna 900-960 MHz, 1 dBi
PE51060 PASTERNACK-PE51060 Datasheet
63Kb / 1P
Rubber Duck/Whip Antenna 477 MHz, 5.5 dBi
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com