Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANRBD1010 Datasheet (PDF) - Infinite Electronics International, Inc.

LCANRBD1010 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCANRBD1010
Download  LCANRBD1010 Download
File Size   384.74 Kbytes
Page   5 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 1.8 dBi, VHF Rubber Duck Antenna, 142-154 MHz, MOTO Connector, Vertical Polarization

LCANRBD1010 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCANRBD1010 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCANRBD1010
Download  LCANRBD1010 Click to download

File Size   384.74 Kbytes
Page   5 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 1.8 dBi, VHF Rubber Duck Antenna, 142-154 MHz, MOTO Connector, Vertical Polarization

LCANRBD1010 Datasheet (HTML) - Infinite Electronics International, Inc.


LCANRBD1010 Product details

Features
• 142 MHz to 154 MHz, 1.8 dBi Gain
• MOTO connector
• Heliflex whip antenna
• Plug and play
• 20W power handling
• VSWR < 3:1
• Vertical polarization

Applications
• PtP or PtMP applications
• Trunking for two-way radio comms
• VHF applications
• Public Safety / Emergency services
• Marine / Rail road communications
• P-25 applications exclusively supported
• Land mobile radio (LMR)
• Fixed and mobile services




Similar Part No. - LCANRBD1010

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANRBD1011 L-COM-LCANRBD1011 Datasheet
382Kb / 5P
2.15 dBi, UHF Rubber Duck Antenna, 412-480 MHz, SMA Female Connector, Vertical Polarization
09/11/2023
LCANRBD1012 L-COM-LCANRBD1012 Datasheet
393Kb / 4P
1.8 dBi, CB Rubber Duck Antenna, 28 MHz, BNC Connector, Vertical Polarization
09/11/2023
LCANRBD1013 L-COM-LCANRBD1013 Datasheet
395Kb / 5P
3.5 dBi, VHF Rubber Duck Antenna, 139-174 MHz, BNC Connector, Vertical Polarization
09/11/2023
LCANRBD1014 L-COM-LCANRBD1014 Datasheet
321Kb / 3P
400-520 MHz Rubber Duck Antenna, 2.15 dBi gain, SMA Female Connector, Vertical Polarization
02/20/2023
LCANRBD1015 L-COM-LCANRBD1015 Datasheet
320Kb / 3P
136-174 MHz Rubber Duck Antenna, 1.8 dBi gain, TNC Male Connector, Vertical Polarization
02/15/2023
More results


Similar Description - LCANRBD1010

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51018 PASTERNACK-PE51018 Datasheet
50Kb / 1P
Rubber Duck Antenna, 2400 . 2483.5 MHz, 2dB
PE51056 PASTERNACK-PE51056 Datasheet
64Kb / 1P
Rubber Duck Antenna 900-960 MHz, 1 dBi
PE51060 PASTERNACK-PE51060 Datasheet
63Kb / 1P
Rubber Duck/Whip Antenna 477 MHz, 5.5 dBi
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 2dBi
PE51078 PASTERNACK-PE51078 Datasheet
305Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 5dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com