Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN1 Datasheet (PDF) - LUMEL S.A.

DN1 Datasheet PDF - LUMEL S.A.
Part # DN1
Download  DN1 Download
File Size   819.52 Kbytes
Page   3 Pages
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.
Description NUMERIC DISPLAYS

DN1 Datasheet (PDF)

Go To PDF Page Download Datasheet
DN1 Datasheet PDF - LUMEL S.A.

Part # DN1
Download  DN1 Click to download

File Size   819.52 Kbytes
Page   3 Pages
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.
Description NUMERIC DISPLAYS

DN1 Datasheet (HTML) - LUMEL S.A.


DN1 Product details

APPLICATION
Digital displays of DN type can be applied for the visualisation of essential
parameters in automation and measurement processes when
supervising the quality or working safety.
Information put in a visible place helps in the efficient work in industrial
communication, logistics, automation and control technology, and material
handling. These displays are destined to be installed in: industrial plants,
sports objects, trade buildings and communication areas.
The character height ensures a good visibility and reading from a long
distance, up to 120 m.
Digit heights: DN1 - 100 mm; DN2 - 200 mm; DN3 - 300 mm.
Digital displays are offered in four colours: red, green, yellow and
blue.
Basic installations are applied for measurements and indications of:
temperature, humidity, time, pressure, flow, rotations, pulses, and also
the gas content and material quantity. These DN displays together with
an external measuring element or transducer can display any physical
quantity and co-operate with external devices equipped with an RSTECHNICAL




Similar Part No. - DN1

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DN1 COPAL-DN1 Datasheet
76Kb / 2P
Push Button Control of Digital Potentiometers
logo
Hirose Electric
DN10-20P HIROSE-DN10-20P Datasheet
369Kb / 8P
DN SERIES-NEW D SUBMINIATURE INTERFACE CONNECTORS
DN10-20S HIROSE-DN10-20S Datasheet
369Kb / 8P
DN SERIES-NEW D SUBMINIATURE INTERFACE CONNECTORS
DN10-2628PC1 HIROSE-DN10-2628PC1 Datasheet
369Kb / 8P
DN SERIES-NEW D SUBMINIATURE INTERFACE CONNECTORS
DN10-2628PC2 HIROSE-DN10-2628PC2 Datasheet
369Kb / 8P
DN SERIES-NEW D SUBMINIATURE INTERFACE CONNECTORS
More results


Similar Description - DN1

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MO456A-RD MICRO-ELECTRONICS-MO456A-RD Datasheet
72Kb / 2P
0.56 FOUR DIGIT NUMERIC DISPLAYS
MS132A-C MICRO-ELECTRONICS-MS132A-C Datasheet
68Kb / 2P
0.3 SINGLE DIGIT NUMERIC DISPLAYS
MS141A MICRO-ELECTRONICS-MS141A Datasheet
63Kb / 2P
0.4 SINGLE DIGIT NUMERIC DISPLAYS
MY134A-C MICRO-ELECTRONICS-MY134A-C Datasheet
72Kb / 2P
0.3 SINGLE DIGIT NUMERIC DISPLAYS
logo
Texas Instruments
TIL308 TI-TIL308 Datasheet
112Kb / 7P
NUMERIC DISPLAYS WITH LOGIC
logo
List of Unclassifed Man...
SA56-11 ETC-SA56-11 Datasheet
729Kb / 6P
14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Texas Instruments
TIL306 TI-TIL306 Datasheet
146Kb / 9P
NUMERIC DISPLAYS WITH LOGIC
logo
List of Unclassifed Man...
TOT5361 ETC1-TOT5361 Datasheet
104Kb / 1P
INCH THREE DIGIT Numeric displays
logo
Lite-On Technology Corp...
LTD-6000 LITEON-LTD-6000 Datasheet
959Kb / 9P
0.56 DUAL DIGIT NUMERIC DISPLAYS
logo
Texas Instruments
TIL304 TI-TIL304 Datasheet
102Kb / 7P
NUMERIC DISPLAYS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com