Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANOM1050 Datasheet (PDF) - Infinite Electronics International, Inc.

LCANOM1050 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCANOM1050
Download  LCANOM1050 Download
File Size   486.19 Kbytes
Page   5 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 134 to 174 MHz, 4.5 dBi Collinear Omnidirectional Antenna with N Female, Vertical Polarization, 1 Port, 1.5 VSWR

LCANOM1050 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCANOM1050 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCANOM1050
Download  LCANOM1050 Click to download

File Size   486.19 Kbytes
Page   5 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 134 to 174 MHz, 4.5 dBi Collinear Omnidirectional Antenna with N Female, Vertical Polarization, 1 Port, 1.5 VSWR

LCANOM1050 Datasheet (HTML) - Infinite Electronics International, Inc.


LCANOM1050 Product details

Features
• Frequency coverage for 134 MHz to 174 MHz with Type N Female connector
• Moderate Gain 4.5 dBi / 2.35 dBd antennas
• Easy and quick time to installations
• Industrially tuned antenna allows plug and pla
• Environmentally friendly strong fiberglass radome material
• Direct ground lightning proctection
• 100 W max input power per port
• Vertical Polarization
• Tunable Frequency

Applications
• Outdoor point-to-point (PtP) or point-to-multipoint (PtMP) applications
• VHF radio applications supported with Trunking for two-way radio
communications
• Public Safety / Emergency services / Marine communications /
Rail road communications
• Tetra and P-25 Applications exclusively supported
• Land Mobile Radio (LMR) and Private Mobile Radio (PMR)
• Fixed and mobile services for paging/voice/data in full duplex and
half duplex mode




Similar Part No. - LCANOM1050

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANOM1051 L-COM-LCANOM1051 Datasheet
366Kb / 3P
423 to 443 MHz, 8 dBi Collinear Omnidirectional Antenna with N Female, Vertical Polarization, 1 Port, 1.5 VSWR
5/5/2022
LCANOM1055 L-COM-LCANOM1055 Datasheet
376Kb / 3P
617 to 7125 MHz Wi-Fi 6E Omni Antenna, 3 dBi Gain, NMO Connector White
12/12/2022
LCANOM1056 L-COM-LCANOM1056 Datasheet
379Kb / 3P
617 to 7125 MHz Wi-Fi 6E Omni Antenna, 3 dBi Gain, NMO Connector Black
12/12/2022
LCANOM1057 L-COM-LCANOM1057 Datasheet
400Kb / 3P
617 to 7125 MHz Wi-Fi 6E Omni Antenna, 3 dBi Gain, N Female Connector White
12/12/2022
LCANOM1058 L-COM-LCANOM1058 Datasheet
406Kb / 3P
617 to 7125 MHz Wi-Fi 6E Omni Antenna, 3 dBi Gain, N Female Connector Black
12/12/2022
More results


Similar Description - LCANOM1050

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51023 PASTERNACK-PE51023 Datasheet
143Kb / 1P
902-928 MHz DIRECTIONAL PANEL OUTDOOR ANTENNA, 9 dBI, VERTICAL POLARIZATION
PE51030 PASTERNACK-PE51030 Datasheet
129Kb / 1P
Vertical Omni Antenna 2400 MHz, 10.0 dBi
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51033 PASTERNACK-PE51033 Datasheet
80Kb / 1P
Vertical Omni Antenna 3500 MHz, 9.0 dBi
PE51038 PASTERNACK-PE51038 Datasheet
66Kb / 1P
Vertical Omni Antenna 5800 MHz, 8 dBi
PE51064 PASTERNACK-PE51064 Datasheet
59Kb / 1P
Mini Vertical Antenna 2500 MHz, 3 dBi
PE51065 PASTERNACK-PE51065 Datasheet
59Kb / 1P
Mini Vertical Antenna 3500 MHz, 3 dBi
PE51116 PASTERNACK-PE51116 Datasheet
67Kb / 1P
Vertical Omni Antenna 248-268 MHz 1.5 dBi
logo
Taoglas antenna solutio...
OMB691203F21 TAOGLAS-OMB691203F21 Datasheet
1Mb / 20P
4G 698-960Mhz and 1710-2700MHz 4.5 dBi Omnidirectional Outdoor Antenna
OMB.6912.03F21 TAOGLAS-OMB.6912.03F21_18 Datasheet
1Mb / 22P
4G 698-960Mhz and 1710-2700MHz 4.5 dBi Omnidirectional Outdoor Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com