Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANOM1063 Datasheet (PDF) - Infinite Electronics International, Inc.

LCANOM1063 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCANOM1063
Download  LCANOM1063 Download
File Size   438.17 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2400-2500, 5150-7125 MHz WF-Fi 6E Omni MIMO Antenna, 6 dBi Gain, 8 N Type Male Connectors

LCANOM1063 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCANOM1063 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCANOM1063
Download  LCANOM1063 Click to download

File Size   438.17 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2400-2500, 5150-7125 MHz WF-Fi 6E Omni MIMO Antenna, 6 dBi Gain, 8 N Type Male Connectors

LCANOM1063 Datasheet (HTML) - Infinite Electronics International, Inc.


LCANOM1063 Product details

Features
• N Type Male Connector
• 8 x Vertical Polarization
• 8x8 MIMO Functionality
• Outdoor Rated Omnidirectional Antenna
• 2.4 GHz, 5 GHz, 6 GHz Wi-Fi Bands
• 6 dBi gain

Applications
• Infotainment systems, Routers, Wi-Fi hotspots, HD video transmission, Gateways, Dash cameras, Public transportation
• Connected cars or self-driving cars, Fleet management, Logistics
• Public Safety Networks
• Zigbee, Bluetooth, Wi-Fi




Similar Part No. - LCANOM1063

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANOM1060 L-COM-LCANOM1060 Datasheet
419Kb / 3P
2400-2500, 5150-7125 MHz WF-Fi 6E Omni MIMO Antenna, 4 dBi Gain, 4 N Type Male Connectors
12/21/2022
LCANOM1061 L-COM-LCANOM1061 Datasheet
400Kb / 3P
2400-2500, 5150-7125 MHz WF-Fi 6E Omni MIMO Antenna, 4 dBi Gain, 4 N Type Female Connectors
12/21/2022
LCANOM1062 L-COM-LCANOM1062 Datasheet
416Kb / 3P
2400-2500, 5150-7125 MHz WF-Fi 6E Omni MIMO Antenna, 6 dBi Gain, 8 RP SMA Male Connectors
12/09/2022
LCANOM1064 L-COM-LCANOM1064 Datasheet
416Kb / 3P
2400-2500, 5150-7125 MHz WF-Fi 6E Omni MIMO Antenna, 6 dBi Gain, 8 N Type Female Connectors
12/21/2022
LCANOM1065 L-COM-LCANOM1065 Datasheet
317Kb / 3P
27 MHz Omni Antenna 4 dBi Gain, Spring UHF Male Connector, Stainless Steel
2/21/2023
More results


Similar Description - LCANOM1063

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51029 PASTERNACK-PE51029 Datasheet
276Kb / 1P
Vertical Omni Antenna 2400 - 2483 MHz 8.0 dBi
PE51030 PASTERNACK-PE51030 Datasheet
129Kb / 1P
Vertical Omni Antenna 2400 MHz, 10.0 dBi
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51061 PASTERNACK-PE51061 Datasheet
63Kb / 1P
Vertical Omni Antenna 2400-2500, 8.0 dBi
PE51088 PASTERNACK-PE51088 Datasheet
283Kb / 1P
Mini Omni Antenna 2400-2500 & 4900-5825 MHz 2.0 dBi
PE51123 PASTERNACK-PE51123 Datasheet
371Kb / 1P
High Performance Vertical Omni Antenna 2200-2500 MHz, 6 dBi
PE51124 PASTERNACK-PE51124 Datasheet
382Kb / 1P
High Performance Vertical Omni Antenna 2200-2500 MHz, 6 dBi
logo
TE Connectivity Ltd
4-1982564-1 TEC-4-1982564-1 Datasheet
2Mb / 2P
2400-2500 & 5150-5875 MHz DUAL BAND ANTENNA
2195630-1 TEC-2195630-1 Datasheet
2Mb / 2P
2400-2500 & 5150-5875 MHz DUAL BAND ANTENNA
logo
Pasternack Enterprises,...
PE51OM1039 PASTERNACK-PE51OM1039 Datasheet
541Kb / 4P
6 dBi MIMO Omni Antenna 617-2,700 MHz N Type Female Connector
REV 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com