Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCANOM1071 Datasheet (PDF) - Infinite Electronics International, Inc.

LCANOM1071 Datasheet PDF - Infinite Electronics International, Inc.
Part # LCANOM1071
Download  LCANOM1071 Download
File Size   320.53 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 698 to 2700 MHz Omni Antenna 6.5 dBi Gain, 8 mm Spring SMA Male Connector, Black Fiberglass Radome

LCANOM1071 Datasheet (PDF)

Go To PDF Page Download Datasheet
LCANOM1071 Datasheet PDF - Infinite Electronics International, Inc.

Part # LCANOM1071
Download  LCANOM1071 Click to download

File Size   320.53 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 698 to 2700 MHz Omni Antenna 6.5 dBi Gain, 8 mm Spring SMA Male Connector, Black Fiberglass Radome

LCANOM1071 Datasheet (HTML) - Infinite Electronics International, Inc.


LCANOM1071 Product details

Features
• Heavy Duty 8mm Spring Diameter
• Vertically Polarized
• 6.5 dBi Gain
• SMA Male Connector
• 14.75 ft RG58 Cable
• Black Fiberglass Radome

Applications
• Offroad/Overland Vehicles
• Mining/Industrial Heavy Equipment
• Commercial Trucking
• Fleet Management
• Farm Equipment




Similar Part No. - LCANOM1071

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
LCANOM1070 L-COM-LCANOM1070 Datasheet
319Kb / 3P
477 MHz Omni Antenna 6.5 dBi Gain, 8 mm Spring FME Male Connector, White Fiberglass Radome
2/21/2023
LCANOM1072 L-COM-LCANOM1072 Datasheet
320Kb / 3P
698 to 2700 MHz Omni Antenna 6.5 dBi Gain, 8 mm Spring SMA Male Connector, White Fiberglass Radome
2/21/2023
LCANOM1073 L-COM-LCANOM1073 Datasheet
321Kb / 3P
477 MHz Omni Antenna 6.5 dBi Gain, 5.5 mm Spring FME Male Connector, Black Fiberglass Radome
2/28/2023
LCANOM1074 L-COM-LCANOM1074 Datasheet
320Kb / 3P
477 MHz Omni Antenna 6.5 dBi Gain, 5.5 mm Spring FME Male Connector, White Fiberglass Radome
2/28/2023
LCANOM1075 L-COM-LCANOM1075 Datasheet
320Kb / 3P
698 to 2700 MHz Omni Antenna 6.5 dBi Gain, 5.5 mm Spring SMA Male Connector, Black Fiberglass Radome
2/28/2023
More results


Similar Description - LCANOM1071

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51038 PASTERNACK-PE51038 Datasheet
66Kb / 1P
Vertical Omni Antenna 5800 MHz, 8 dBi
logo
Pulse A Technitrol Comp...
RO8061 PULSE-RO8061 Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 2 dBi Antenna
RO8063 PULSE-RO8063 Datasheet
1Mb / 3P
Outdoor 3G Radome Omni 4 dBi Antenna
RO17102NM PULSE-RO17102NM Datasheet
240Kb / 3P
Radome Omni Antenna
W5067 PULSE-W5067 Datasheet
490Kb / 7P
Radome Omni ??Omni directional Antenna
W1978 PULSE-W1978 Datasheet
1Mb / 12P
Direct Mount LPT Style Antenna 698 2700 MHz, U.FL/SMA(M)
logo
Pasternack Enterprises,...
PE51OM1033 PASTERNACK-PE51OM1033 Datasheet
352Kb / 3P
6 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1035 PASTERNACK-PE51OM1035 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1036 PASTERNACK-PE51OM1036 Datasheet
352Kb / 3P
8 dBi Omni Antenna 698-960 MHz N Type Female Connector
REV 1
PE51OM1042 PASTERNACK-PE51OM1042 Datasheet
352Kb / 3P
8 dBi Omni Antenna 1,710-2,700 MHz N Type Female Connector
REV 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com