Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LW032A Datasheet (PDF) - STMicroelectronics

M58LW032A Datasheet PDF - STMicroelectronics
Part # M58LW032A
Download  M58LW032A Download
File Size   856.36 Kbytes
Page   61 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory

M58LW032A Datasheet (PDF)

Go To PDF Page Download Datasheet
M58LW032A Datasheet PDF - STMicroelectronics

Part # M58LW032A
Download  M58LW032A Click to download

File Size   856.36 Kbytes
Page   61 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory

M58LW032A Datasheet (HTML) - STMicroelectronics


M58LW032A Product details

SUMMARY DESCRIPTION
The M58LW032 is a 32 Mbit (2Mb x16) non-volatile memory that can be read, erased and reprogrammed. These operations can be performed using a single low voltage (2.7V to 3.6V) core supply. On power-up the memory defaults to Read mode with an asynchronous bus where it can be read in the same way as a non-burst Flash memory.

FEATURES SUMMARY
■ WIDE x16 DATA BUS for HIGH BANDWIDTH
■ SUPPLY VOLTAGE
   – VDD = 2.7 to 3.6V core supply voltage for Program, Erase and Read operations
   – VDDQ = 1.8V to VDD for I/O Buffers
■ SYNCHRONOUS/ASYNCHRONOUS READ
   – Synchronous Burst read
   – Asynchronous Random Read
   – Asynchronous Address Latch Controlled Read
   – Page Read
■ ACCESS TIME
   – Synchronous Burst Read up to 56MHz
   – Asynchronous Page Mode Read 90/25ns and 110/25ns
   – Random Read 90ns, 110ns.
■ PROGRAMMING TIME
   – 16 Word Write Buffer
   – 18µs Word effective programming time
■ 64 UNIFORM 32 KWord MEMORY BLOCKS
■ BLOCK PROTECTION/ UNPROTECTION
■ PROGRAM and ERASE SUSPEND
■ 128 bit PROTECTION REGISTER
■ COMMON FLASH INTERFACE
■ 100, 000 PROGRAM/ERASE CYCLES per BLOCK
■ ELECTRONIC SIGNATURE
   – Manufacturer Code: 0020h
   – Device Code M58LW032A: 8816h




Similar Part No. - M58LW032A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M58LW032C STMICROELECTRONICS-M58LW032C Datasheet
845Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
29-Apr-2003
M58LW032C110N1 STMICROELECTRONICS-M58LW032C110N1 Datasheet
845Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
29-Apr-2003
M58LW032C110N1E STMICROELECTRONICS-M58LW032C110N1E Datasheet
845Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
29-Apr-2003
M58LW032C110N1F STMICROELECTRONICS-M58LW032C110N1F Datasheet
845Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
29-Apr-2003
M58LW032C110N1T STMICROELECTRONICS-M58LW032C110N1T Datasheet
845Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
29-Apr-2003
More results


Similar Description - M58LW032A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29KW032E STMICROELECTRONICS-M29KW032E Datasheet
234Kb / 30P
32 Mbit 2Mb x16, Uniform Block 3V Supply LightFlash™ Memory
23-Jul-2002
M58LW032C STMICROELECTRONICS-M58LW032C Datasheet
845Kb / 61P
32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
29-Apr-2003
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
12-Sep-2003
M28W320ECT STMICROELECTRONICS-M28W320ECT Datasheet
832Kb / 53P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
29-Apr-2003
M28W320EBT STMICROELECTRONICS-M28W320EBT Datasheet
299Kb / 45P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
03-Oct-2002
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
17-May-2000
M28W320FCT STMICROELECTRONICS-M28W320FCT Datasheet
514Kb / 69P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
16-Oct-2006
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
13-Aug-2004
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
16-May-2002
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com