Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C100 Datasheet (PDF) - Time Electronics Ltd.

C100 Datasheet PDF - Time Electronics Ltd.
Part # C100
Download  C100 Download
File Size   456.99 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 1006 DC Millivolt Source

C100 Datasheet (PDF)

Go To PDF Page Download Datasheet
C100 Datasheet PDF - Time Electronics Ltd.

Part # C100
Download  C100 Click to download

File Size   456.99 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 1006 DC Millivolt Source

C100 Datasheet (HTML) - Time Electronics Ltd.


C100 Product details

Features
• 3 ranges up to 1 V
• Accuracy 0.02 %
• 20 mA output current
• Best resolution 1 μV
• Short circuit and overload protected
• Safety terminals
• Removable protective cover
• Powered by 6 x AA batteries
• 100 hours typical battery life
• Optional carry case




Similar Part No. - C100

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
C100 CDIL-C100 Datasheet
88Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Amphenol Corporation
C100 AMPHENOL-C100 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Chauvin Arnoux Metrix
C100 CHAUVINARNOUX-C100 Datasheet
506Kb / 18P
Pinces ampèremetriques Current clamps for AC current
logo
Time Electronics Ltd.
C100 TIME-ELECTRONICS-C100 Datasheet
474Kb / 2P
1007 DC Millivolt Potentiometer and Calibrator
04/22
logo
Hamamatsu Corporation
C10000 HAMAMATSU-C10000 Datasheet
160Kb / 2P
Time Delay Integration Camera
More results


Similar Description - C100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B31 AD-5B31 Datasheet
700Kb / 8P
Millivolt and Voltage Input
logo
ASM GmbH
7011 ASM-SENSOR-7011 Datasheet
1Mb / 4P
DC SIGNAL SOURCE
logo
Altech corporation
AL1006-3 ALTECH-AL1006-3 Datasheet
89Kb / 1P
ALUMINUM ENCLOSURE AL 1006-3
logo
All Sensors Corporation
DS-0091 ASC-DS-0091 Datasheet
122Kb / 4P
Millivolt Output Pressure Sensors
DS-00951 ASC-DS-00951 Datasheet
234Kb / 5P
Millivolt Output Pressure Sensors
logo
Good Will Instrument Co...
GVT-427B GWINSTEK-GVT-427B Datasheet
561Kb / 1P
AC MILLIVOLT METER
logo
TEKTRONIX, INC.
6220 TEKTRONIX-6220 Datasheet
461Kb / 5P
DC Current Source AC and DC Current Source
logo
M-System Co.,Ltd.
R3-SV8A MSYSTEM-R3-SV8A Datasheet
128Kb / 3P
Remote I/O R3 Series DC MILLIVOLT INPUT MODULE
R3Y-SV8A MSYSTEM-R3Y-SV8A Datasheet
121Kb / 4P
Remote I/O R3 Series DC MILLIVOLT INPUT MODULE
logo
Pepperl+Fuchs Inc.
S1SD-1AI-1U.3 PF-S1SD-1AI-1U.3 Datasheet
813Kb / 4P
Millivolt Converter
2022-01-10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com