Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C152 Datasheet (PDF) - Time Electronics Ltd.

C152 Datasheet PDF - Time Electronics Ltd.
Part # C152
Download  C152 Download
File Size   614.72 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 1017 Voltage/Current/Resistance Calibrator

C152 Datasheet (PDF)

Go To PDF Page Download Datasheet
C152 Datasheet PDF - Time Electronics Ltd.

Part # C152
Download  C152 Click to download

File Size   614.72 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 1017 Voltage/Current/Resistance Calibrator

C152 Datasheet (HTML) - Time Electronics Ltd.


C152 Product details

Features
• DC voltage 10 nV to 100 V
• DC current 100 nA to 100 mA
• Resistance 10 mΩ to 10 kΩ
• Accuracy 0.005 % (50 ppm)
• 1 ppm setting resolution
• Noise < 2 ppm (0.1 to 1 Hz)
• Stability < 5 ppm/day, < 25 ppm/yr
• Deviation control - voltage and current
• Battery or mains operation




Similar Part No. - C152

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
C1520 COOPER-C1520 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
Ledil, Inc.
C15217 LEDIL-C15217 Datasheet
4Mb / 8P
Narrow caternary street light beam, optimized for EN13201 M-classes and tilted poles
C15245 LEDIL-C15245 Datasheet
3Mb / 6P
~25째 spot beam for industrial applications
C15246 LEDIL-C15246 Datasheet
3Mb / 6P
~60째 medium beam for industrial applications
C15247 LEDIL-C15247 Datasheet
2Mb / 5P
~90째 wide beam for industrial applications
More results


Similar Description - C152

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PAC27A03 CALMIRCO-PAC27A03 Datasheet
124Kb / 2P
P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK FOR LINEAR TECHNOLOGY LT1430/1017
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
LCD Module Calibrator
August 29, 2007
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
CMM-17 EXTECH-CMM-17 Datasheet
253Kb / 1P
Process Calibrator MultiMeter
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
CITIZEN ELECTRONICS CO....
CHB-03A-04 CITIZEN-CHB-03A-04 Datasheet
492Kb / 1P
Voltage 1.5(V),Direct current resistance 9.5(R)
logo
KR Electronics, Inc.
3335-1017 KR-3335-1017 Datasheet
74Kb / 3P
KR Electronics part number 3335-1017 is a 1017 MHz Bandpass filter.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com