Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C176 Datasheet (PDF) - Time Electronics Ltd.

C176 Datasheet PDF - Time Electronics Ltd.
Part # C176
Download  C176 Download
File Size   383.66 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 1048 Voltage / Current / Loop Calibrator

C176 Datasheet (PDF)

Go To PDF Page Download Datasheet
C176 Datasheet PDF - Time Electronics Ltd.

Part # C176
Download  C176 Click to download

File Size   383.66 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 1048 Voltage / Current / Loop Calibrator

C176 Datasheet (HTML) - Time Electronics Ltd.


C176 Product details

Features
• Source/measure voltage and current
• 3 source ranges: 0 to 22 mA and 0 to 22 V
• 3 measure ranges: 0 to 70 mA and 0 to 50 V
• Accuracy 0.02 %
• Transmitter simulator/sink loop control
• Output steps and ramps
• Fine adjustment (inching)
• 20 hours typical battery life
• Optional mains power supply (230 V and 110 V available)




Similar Part No. - C176

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C17600-000 MACOM-C17600-000 Datasheet
1Mb / 42P
RAYCHEM Tubing Products
logo
List of Unclassifed Man...
C1760HO ETC2-C1760HO Datasheet
147Kb / 2P
1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
C1760RO ETC2-C1760RO Datasheet
147Kb / 2P
1700 & 1750 Toggle Switches 16A 250Vac Single and Double Pole
logo
Ledil, Inc.
C17677 LEDIL-C17677 Datasheet
2Mb / 3P
Black shade for additional backlight control
More results


Similar Description - C176

ManufacturerPart #DatasheetDescription
logo
Analog Devices
1B21 AD-1B21 Datasheet
229Kb / 4P
Isolated, Loop-Powered Voltage-to-Current Converter
logo
List of Unclassifed Man...
232PCLIN ETC1-232PCLIN Datasheet
113Kb / 1P
Industrial Current Loop Converter
232PCLR ETC1-232PCLR Datasheet
77Kb / 1P
Current Loop Converter
MIC-24CL ETC2-MIC-24CL Datasheet
442Kb / 4P
Current Loop Interface Converter
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
logo
Analog Devices
1B21 AD-1B21_15 Datasheet
147Kb / 8P
Isolated, Loop-Powered Voltage-to-Current Converter
REV. C
logo
Extech Instruments Corp...
412440-S EXTECH-412440-S Datasheet
118Kb / 1P
Current Loop Checker
logo
M-System Co.,Ltd.
CHCLA MSYSTEM-CHCLA Datasheet
659Kb / 4P
CURRENT LOOP CHECKER
logo
Analog Devices
1B21 AD-1B21_V01 Datasheet
147Kb / 8P
Isolated, Loop-Powered Voltage-to-Current Converter
Rev. C
logo
Honeywell Solid State E...
005999 HONEYWELL-005999 Datasheet
639Kb / 5P
Open Loop Current Sensors
10/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com