Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1071 Datasheet (PDF) - Time Electronics Ltd.

1071 Datasheet PDF - Time Electronics Ltd.
Part # 1071
Download  1071 Download
File Size   312.22 Kbytes
Page   1 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 1071 Capacitance Decade Box

1071 Datasheet (PDF)

Go To PDF Page Download Datasheet
1071 Datasheet PDF - Time Electronics Ltd.

Part # 1071
Download  1071 Click to download

File Size   312.22 Kbytes
Page   1 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 1071 Capacitance Decade Box

1071 Datasheet (HTML) - Time Electronics Ltd.


1071 Product details

Features
• 10 pF to 100 μF
• 1 % accuracy
• Clear visual indication
• Bi-polar working
• 50 pF residual capacitance
• Safety terminals
• Removable protective cover
• Suitable for industry or education




Similar Part No. - 1071

ManufacturerPart #DatasheetDescription
logo
Heyco.
1071 HEYCO-1071 Datasheet
172Kb / 1P
Heyco® Liquid Tight Strain Relief Bushings
logo
List of Unclassifed Man...
1071 ETC2-1071 Datasheet
79Kb / 1P
INDUSTRIAL SOLID STATE TIMER
logo
Abbatron All Rights Res...
1071 ABBATRON-1071 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
List of Unclassifed Man...
1071-1-0-1-A ETC2-1071-1-0-1-A Datasheet
79Kb / 1P
INDUSTRIAL SOLID STATE TIMER
1071-1-0-1-B ETC2-1071-1-0-1-B Datasheet
79Kb / 1P
INDUSTRIAL SOLID STATE TIMER
More results


Similar Description - 1071

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380400 EXTECH-380400 Datasheet
162Kb / 1P
Resistance Decade Box
380405 EXTECH-380405 Datasheet
148Kb / 1P
Capacitance Decade Box
380500 EXTECH-380500 Datasheet
48Kb / 1P
Inductance Decade Box
logo
ON Semiconductor
MC14017BDR2G ONSEMI-MC14017BDR2G Datasheet
144Kb / 8P
Decade Counter
April, 2013 ??Rev. 8
logo
Extech Instruments Corp...
380400 EXTECH-380400_15 Datasheet
252Kb / 1P
Resistance, Capacitance & Inductance Decade Boxes
logo
ON Semiconductor
MC14017B ONSEMI-MC14017B_14 Datasheet
117Kb / 8P
Decade Counter
August, 2014 ??Rev. 9
logo
SparkFun Electronics
KIT-13006 SPARKFUN-KIT-13006 Datasheet
285Kb / 2P
SparkFun Decade Resistance Box
8/5/2016
logo
Analog Technologies, In...
ATCDB12 ANALOGTECHNOLOGIES-ATCDB12 Datasheet
202Kb / 2P
Adjustable Capacitor Decade Box
3/30/2021
ATRDB12 ANALOGTECHNOLOGIES-ATRDB12 Datasheet
285Kb / 4P
Resistance Decade Box
3/30/2021
logo
IET Labs Inc.
PRS IET-PRS Datasheet
491Kb / 5P
Programmable Resistance - Capacitance - Inductance - RTD Decade Substituter
Nov 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com