Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C139 Datasheet (PDF) - Time Electronics Ltd.

C139 Datasheet PDF - Time Electronics Ltd.
Part # C139
Download  C139 Download
File Size   500.81 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 1090 Portable Process Calibrator

C139 Datasheet (PDF)

Go To PDF Page Download Datasheet
C139 Datasheet PDF - Time Electronics Ltd.

Part # C139
Download  C139 Click to download

File Size   500.81 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 1090 Portable Process Calibrator

C139 Datasheet (HTML) - Time Electronics Ltd.


C139 Product details

Features
• Measure and simulate 8 thermocouples
• Measure and simulate Pt100-RTD
• Measure and source μV/mV/mA
• Displays units in °C, °F, μV/mV, or mA
• Automatic or manual cold junction compensation
• 10 point memory recall
• Process loops 4 to 20 mA and 0 to 50 mA
• 24 V loop drive voltage
• Mains or battery operation
• 60 hours typical use between charges




Similar Part No. - C139

ManufacturerPart #DatasheetDescription
logo
NEC
C1391HA NEC-C1391HA Datasheet
269Kb / 4P
SOUND IF PROCESSOR FOR AUDIO MULTIPLEX TV
logo
Ledil, Inc.
C13936 LEDIL-C13936 Datasheet
6Mb / 10P
Beam for area lighting and applications demanding a wide oval beam pattern
C13937 LEDIL-C13937 Datasheet
4Mb / 64P
Strada Lens
logo
Cree, Inc
C13956 CREE-C13956 Datasheet
280Kb / 3P
Strada series
logo
Ledil, Inc.
C13956 LEDIL-C13956 Datasheet
1Mb / 7P
Beam for area and street lighting such as parks and pedestrian walkways
More results


Similar Description - C139

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
CMM-17 EXTECH-CMM-17 Datasheet
253Kb / 1P
Process Calibrator MultiMeter
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
Ralston Instruments.
QTHA-FLTS-HC-40 RALSTON-QTHA-FLTS-HC-40 Datasheet
498Kb / 1P
Filter out particulate from the process to keep your hose and calibrator
logo
Extech Instruments Corp...
PRC30 EXTECH-PRC30 Datasheet
101Kb / 2P
PRC30 Multifunction Process Calibrator
412400 EXTECH-412400_15 Datasheet
216Kb / 1P
Oyster짰 Multifunction Process Calibrator
logo
TriQuint Semiconductor
856096 TRIQUINT-856096_15 Datasheet
523Kb / 6P
1090 MHz Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com