Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9534 Datasheet (PDF) - Time Electronics Ltd.

9534 Datasheet PDF - Time Electronics Ltd.
Part # 9534
Download  9534 Download
File Size   2220.9 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 2003S-2003N Precision Voltage Calibrator and Potentiometer

9534 Datasheet (PDF)

Go To PDF Page Download Datasheet
9534 Datasheet PDF - Time Electronics Ltd.

Part # 9534
Download  9534 Click to download

File Size   2220.9 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 2003S-2003N Precision Voltage Calibrator and Potentiometer

9534 Datasheet (HTML) - Time Electronics Ltd.


9534 Product details

DESCRIPTION
The Calibrator employs a precision zener diode as a basic reference source. This provides the input to an F.E.T. chopper amplifier system which operates in a feedback stabilised mode. The gain value is determined by a set of precision metal film resistors which are selected by the 5-decade thumbwheel switch. The output voltage is variable from 0 to 9.9999 V in 5 ranges. This can be extended to 1000 V by means of an external mains-powered unit which is available as an extra. The Calibrator’s output resistance is typically 50 milliohms on the top 3 ranges and the
maximum output current that can be drawn on these ranges is automatically limited to 35 mA—this is to prevent damage to the circuitry in the event of accidental short circuit, etc. The lower ranges have an output resistance of
1 ohm and will supply current up to the short circuit value. To ensure complete reliability the Calibrator range switch employs two contacts in parallel for each position—even if a contact fails the calibrator still functions correctly.
The 2003N version incorporates a high performance null amplifier system which allows potentiometric measurements to a resolution of 1 microvolt. Null is obtained by adjusting the thumbwheel digits until the display meter indicates zero. The meter is scaled 20-0-20 and by suitable adjustment of the sensitivity control can display directly in mV or /z V.
The 100 V and lkV Output Units are mains-powered units which extend the output capability of the 2003. They
are connected to the Calibrator output terminals and accurately multiply the Calibrator output voltage.




Similar Part No. - 9534

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
9534 PHILIPS-9534 Datasheet
146Kb / 17P
8-bit I2C and SMBus, low power I/O port with interrupt
2004 Sep 30
logo
List of Unclassifed Man...
9534 ETC2-9534 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation
9534 ETC2-9534 Datasheet
101Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, conductors cabled, PVC insulation
logo
Belden Inc.
9534 BELDEN-9534 Datasheet
251Kb / 2P
RS-232, #24-4c, SR-PVC, O/A Foil, PVC Jkt, CMG
logo
Keystone Electronics Co...
9534 KEYSTONE-9534 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
More results


Similar Description - 9534

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3590 BOURNS-3590 Datasheet
241Kb / 1P
Precision Potentiometer
3500S-1-102L BOURNS-3500S-1-102L Datasheet
231Kb / 2P
Precision Potentiometer
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
422123 EXTECH-422123 Datasheet
99Kb / 10P
Precision Multifunction Calibrator
logo
Bourns Electronic Solut...
3400 BOURNS-3400_13 Datasheet
195Kb / 2P
Precision Potentiometer
3540 BOURNS-3540 Datasheet
211Kb / 2P
Precision Potentiometer
3548H BOURNS-3548H Datasheet
289Kb / 4P
Precision Potentiometer
3590S-2-L BOURNS-3590S-2-L Datasheet
254Kb / 4P
Precision Potentiometer
6538S BOURNS-6538S Datasheet
61Kb / 4P
Precision Potentiometer
logo
E+E Elektronik Ges.m.b....
HUMOR20 EPLUSE-HUMOR20 Datasheet
2Mb / 9P
High Precision Humidity Calibrator
04-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com