Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9728 Datasheet (PDF) - Time Electronics Ltd.

9728 Datasheet PDF - Time Electronics Ltd.
Part # 9728
Download  9728 Download
File Size   1129.89 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 5011 Resistance and Temperature Calibrator

9728 Datasheet (PDF)

Go To PDF Page Download Datasheet
9728 Datasheet PDF - Time Electronics Ltd.

Part # 9728
Download  9728 Click to download

File Size   1129.89 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 5011 Resistance and Temperature Calibrator

9728 Datasheet (HTML) - Time Electronics Ltd.


9728 Product details

Features
• 1 Ω to 120 MΩ
• 100 ppm basic accuracy
• RTD simulation
• Optional Thermocouple Simulation
• DCV and DCI options
• 10 MHz frequency option
• RS-232, GPIB, USB interfaces
• Front panel operation
• PC/laptop control via EasyCal software




Similar Part No. - 9728

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9728 BELDEN-9728 Datasheet
155Kb / 2P
RS232/422 Low Cap, #24-4pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
logo
Time Electronics Ltd.
9728 TIME-ELECTRONICS-9728 Datasheet
514Kb / 2P
5018 Programmable DC-AC V-I Calibrator
06/22
9728 TIME-ELECTRONICS-9728 Datasheet
453Kb / 2P
5025 Multifunction Calibrator
v2d 27/5/11
9728 TIME-ELECTRONICS-9728 Datasheet
562Kb / 3P
5025C Series 2 Multifunction Calibrator
01/24
9728 TIME-ELECTRONICS-9728 Datasheet
697Kb / 3P
5025C Multifunction Calibrator
05/20
More results


Similar Description - 9728

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BMS-5011 DBLECTRO-BMS-5011 Datasheet
93Kb / 1P
BMS-5011
logo
Intersil Corporation
ISL45042 INTERSIL-ISL45042_06 Datasheet
130Kb / 8P
LCD Module Calibrator
November 14, 2006
ISL45042 INTERSIL-ISL45042_07 Datasheet
141Kb / 8P
LCD Module Calibrator
August 29, 2007
logo
Extech Instruments Corp...
412355A EXTECH-412355A Datasheet
170Kb / 8P
Voltage Calibrator
412400 EXTECH-412400 Datasheet
133Kb / 8P
Multifunction Process Calibrator
IRC350 EXTECH-IRC350 Datasheet
88Kb / 8P
Infrared Calibrator
logo
Agilent(Hewlett-Packard...
5530 HP-5530 Datasheet
1Mb / 14P
Dynamic Calibrator
logo
RHOPOINT COMPONENTS
22810-1-B RHOPOINT-22810-1-B Datasheet
80Kb / 1P
Platinum Resistance Temperature Detector
logo
Renesas Technology Corp
ISL24212 RENESAS-ISL24212 Datasheet
585Kb / 12P
Programmable VCOM Calibrator with EEPROM and Output Buffer
logo
PHOENIX CONTACT
2902049 PHOENIX-2902049 Datasheet
445Kb / 16P
Temperature transducers for resistance thermometers and remote resistance-type sensors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com