Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C142 Datasheet (PDF) - Time Electronics Ltd.

C142 Datasheet PDF - Time Electronics Ltd.
Part # C142
Download  C142 Download
File Size   514.07 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 5018 Programmable DC-AC V-I Calibrator

C142 Datasheet (PDF)

Go To PDF Page Download Datasheet
C142 Datasheet PDF - Time Electronics Ltd.

Part # C142
Download  C142 Click to download

File Size   514.07 Kbytes
Page   2 Pages
Manufacturer  TIME-ELECTRONICS [Time Electronics Ltd.]
Direct Link  https://www.timeelectronics.com/
Logo TIME-ELECTRONICS - Time Electronics Ltd.
Description 5018 Programmable DC-AC V-I Calibrator

C142 Datasheet (HTML) - Time Electronics Ltd.


C142 Product details

Features
• 0 to 22 V DC
• Optional 0 to 22 V AC, 220 V DC and 1 kV DC
• Optional 0 to 220 mA AC/DC
• 15 ppm accuracy, 0.5 ppm resolution
• 1999999 full scale +10 % over-range
• Deviation control –9.999 % to +9.999 %
• Ramping feature
• Ideal for ATE applications in production and R&D
• Rack mount kit option
• RS-232, USB, GPIB interfaces




Similar Part No. - C142

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
C14206 SUMIDA-C14206 Datasheet
183Kb / 2P
ADSL Transformer< SMD Type: CEP Series>
C14213A SUMIDA-C14213A Datasheet
106Kb / 1P
xDSL Transformer
logo
Ledil, Inc.
C14250 LEDIL-C14250 Datasheet
4Mb / 5P
~40째 20째 oval beam
C14274 LEDIL-C14274 Datasheet
4Mb / 7P
Asymmetric oval beam for wall washing
logo
Cree, Inc
C14275 CREE-C14275 Datasheet
1Mb / 28P
Shelly series
More results


Similar Description - C142

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1512 MAXIM-MAX1512 Datasheet
682Kb / 12P
EEPROM-Programmable TFT VCOM Calibrator
Rev 2; 8/04
logo
Intersil Corporation
ISL45041_0608 INTERSIL-ISL45041_0608 Datasheet
331Kb / 7P
TFT-LCD I2C Programmable VCOM Calibrator
August 29, 2006
ISL24202 INTERSIL-ISL24202 Datasheet
437Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL24201IRTZ INTERSIL-ISL24201IRTZ Datasheet
465Kb / 12P
Programmable VCOM Calibrator with EEPROM
December 9, 2010
ISL24202IRTZ INTERSIL-ISL24202IRTZ Datasheet
435Kb / 12P
Programmable VCOM Calibrator with EEPROM
March 15, 2011
ISL45041IRZ INTERSIL-ISL45041IRZ Datasheet
278Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
October 30, 2014
logo
Texas Instruments
LM8342 TI1-LM8342 Datasheet
966Kb / 23P
Programmable TFT V Calibrator with Non-Volatile Memory
logo
Renesas Technology Corp
ISL24201 RENESAS-ISL24201 Datasheet
609Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL24202 RENESAS-ISL24202 Datasheet
576Kb / 12P
Programmable VCOM Calibrator with EEPROM
ISL45041 RENESAS-ISL45041 Datasheet
529Kb / 8P
TFT-LCD I2C Programmable VCOM Calibrator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com