Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL11CB Datasheet (PDF) - Optronics International

BUL11CB Datasheet PDF - Optronics International
Part # BUL11CB
Download  BUL11CB Download
File Size   267.8 Kbytes
Page   2 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description 4" Round Sealed Clear DOT LED Back-Up Lights

BUL11CB Datasheet (PDF)

Go To PDF Page Download Datasheet
BUL11CB Datasheet PDF - Optronics International

Part # BUL11CB
Download  BUL11CB Click to download

File Size   267.8 Kbytes
Page   2 Pages
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International
Description 4" Round Sealed Clear DOT LED Back-Up Lights

BUL11CB Datasheet (HTML) - Optronics International


BUL11CB Product details

Sonically sealed, waterproof
Certified for back-up light function when installed as pair in two-lamp system [SAE (2)R]
Available in grommet and flange mount models
Grommet mount version available with standard 2-pin, or optional weathertight
connection
Grommet mount version available in 12V and 24V
Available in bulk and polypack packaging
Lifetime LED Warranty




Similar Part No. - BUL11CB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL1101E STMICROELECTRONICS-BUL1101E Datasheet
234Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
BUL1102E STMICROELECTRONICS-BUL1102E Datasheet
209Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2003
BUL1102EFP STMICROELECTRONICS-BUL1102EFP Datasheet
219Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
logo
Optronics International
BUL111 OPTRONICS-BUL111 Datasheet
179Kb / 1P
GloLight 6" Oval Sealed DOT LED Back-Up Lights
BUL111CB OPTRONICS-BUL111CB Datasheet
179Kb / 1P
GloLight 6" Oval Sealed DOT LED Back-Up Lights
More results


Similar Description - BUL11CB

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L-00501DBK-S LIGITEK-L-00501DBK-S Datasheet
104Kb / 5P
LED BACK LIGHT (4 Inch)
L-00501DBK-S-LF LIGITEK-L-00501DBK-S-LF Datasheet
104Kb / 5P
LED BACK LIGHT (4 Inch)
L-00501HRF-S LIGITEK-L-00501HRF-S Datasheet
104Kb / 5P
LED BACK LIGHT (4 Inch)
L-00501VY-S LIGITEK-L-00501VY-S Datasheet
103Kb / 5P
LED BACK LIGHT (4 Inch)
logo
Dialight Corporation
46001CB DIALIGHT-46001CB Datasheet
127Kb / 2P
4' Round LED Back-up Lamps
logo
List of Unclassifed Man...
RL-S12P-20PB-R1 ETC2-RL-S12P-20PB-R1 Datasheet
373Kb / 2P
Blue LED indicator lights up when it is operating.
RL-S12V-24PK-R1 ETC2-RL-S12V-24PK-R1 Datasheet
213Kb / 2P
Blue LED indicator lights up when operating.
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
LED reading lights
logo
Banner Engineering Corp...
LEDRA70AP5-XQ BANNER-LEDRA70AP5-XQ Datasheet
312Kb / 6P
LED Series Sealed High-Intensity Area Lights
LEDXR90S BANNER-LEDXR90S Datasheet
153Kb / 3P
LEDxR90S Series Sealed Ring Lights
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com